Electronic Components Datasheet Search
  English  ▼

X  

THS4281DR Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4281DR
Description  VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4281DR Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button THS4281DR Datasheet HTML 10Page - National Semiconductor (TI) THS4281DR Datasheet HTML 11Page - National Semiconductor (TI) THS4281DR Datasheet HTML 12Page - National Semiconductor (TI) THS4281DR Datasheet HTML 13Page - National Semiconductor (TI) THS4281DR Datasheet HTML 14Page - National Semiconductor (TI) THS4281DR Datasheet HTML 15Page - National Semiconductor (TI) THS4281DR Datasheet HTML 16Page - National Semiconductor (TI) THS4281DR Datasheet HTML 17Page - National Semiconductor (TI) THS4281DR Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
40
60
80
100 120 140 160 180
200
Rise
Fall
t − Time − ns
Gain = −1
RL = 1 kΩ
RF = 3 kΩ
VS = ±5 V
2-V Step
−1.5
−1
−0.5
0
0.5
1
1.5
0
10
20 30
40
50
60
70
80
90 100
t − Time − ns
Gain = −1
RL = 1 kΩ
RF= 3 kΩ
VS = ±5 V
−110
−100
−90
−80
−70
−60
−50
−40
−30
0.1
1
10
f − Frequency − MHz
VO = 1 VPP,
Gain = 1,
RL = 1 kΩ, to VS/2
VS = 2.7 V, HD2
VS = 2.7 V, HD3
VS = 5 V, HD2
VS = ±5 V,
15 V HD2
VS = 5 V,±5 V,
15 V HD3
−110
−100
−90
−80
−70
−60
−50
−40
−30
0.1
1
10
f − Frequency − MHz
VO = 2 VPP,
Gain = 1,
RL = 1 kΩ, to VS/2
VS = 2.7 V, HD3
VS = ±5 V,
15 V HD2
VS = 5 V,±5 V,
15 V HD3
VS = 2.7 V, HD2
VS = 5 V, HD2
−130
−125
−120
−115
−110
−105
−100
−95
−90
−85
−80
10
100
1 k
10 k 20 k
VS = 3.3 V, 2 VPP, HD2
VS = 3.3 V, 2 VPP, HD3
VS = 3 V, 1 VPP, HD2
VS = 3 V, 1 VPP, HD3
VS = 3.3 V, 1 VPP, HD2
VS = 3.3 V, 1 VPP, HD3
f − Frequency − Hz
Gain = 2,
RL = 1 kΩ, to VS/2
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
100
1 k
10 k
100 k
1 M
10 M
f − Frequency − Hz
VO = 1 VPP,
Gain = 2,
RL = 1 kΩ, to VS/2
VS = 2.7 V, HD2
VS = 2.7 V, HD3
VS = 5 V ±5 V,
15 V HD2
VS = 5 V ±5 V,
15 V HD3
−130
−120
−110
−100
−90
−80
−70
−60
100
1 k
10 k
100 k
VS = 3 V, 2 VPP, HD2
VS = 3 V, 2 VPP, HD3
VS = 3 V, 1 VPP, HD2
VS = 3 V, 1 VPP, HD3
VS = 5 V, and
±5 V, 2 VPP, HD2
Gain = 2
f = 10 khz
RL − Load Resistance − W
VS = 5V and ±5V, 2VPP, HD3
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
100
1 k
10 k
100 k
1 M
10 M
f − Frequency − Hz
VO = 2 VPP,
Gain = 2,
RL = 1 kΩ, to VS/2
VS = 2.7 V, 3 V, HD2
VS = 3 V, HD3
VS = 5 V ±5 V,
15 V HD2
VS = 5 V ±5 V,
15 V HD3
VS = 2.7 V, HD3
−130
−120
−110
−100
−90
−80
−70
−60
0.1
1
10
VO − Output Voltage − VPP
VS = 2.7 V, HD2
VS = 2.7 V, HD3
VS = 5 V, HD2
VS = 5 V, HD3
Gain = 2,
RL = 1 kΩ, to VS/2,
f = 10 kHz
THS4281
SLOS432A – APRIL 2004 – REVISED NOVEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS (continued)
(Gain = +1)
(VS = ±5 V)
(VS = ±5 V)
HARMONIC DISTORTION
SETTLING TIME
SETTLING TIME
vs FREQUENCY
Figure 37.
Figure 38.
Figure 39.
(Gain = +1)
(VS = 3 V, 3.3 V)
(Gain = +2)
HARMONIC DISTORTION
HARMONIC DISTORTION
HARMONIC DISTORTION
vs FREQUENCY
vs FREQUENCY
vs FREQUENCY
Figure 40.
Figure 41.
Figure 42.
(Gain = +2)
HARMONIC DISTORTION
(VS = 2.7 V, 5 V)
HARMONIC DISTORTION
vs
HARMONIC DISTORTION
vs FREQUENCY
LOAD RESISTANCE
vs OUTPUT VOLTAGE
Figure 43.
Figure 44.
Figure 45.
14
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com