Electronic Components Datasheet Search
  English  ▼

X  

THS4281DRG4 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS4281DRG4
Description  VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4281DRG4 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button THS4281DRG4 Datasheet HTML 12Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 13Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 14Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 15Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 16Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 17Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 18Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 19Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
1
2
3
Number of Loads − 150
Ω
Gain = 2
Rf = 2.5 kΩ
VS = 5 V
40 IRE − NTSC and Pal
Worst Case
±100 IRE Ramp
NTSC
PAL
°
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
1
2
3
Number of Loads − 150
Ω
Gain = 2
RF= 2.5 kΩ
VS = 5 V
40 IRE − NTSC and Pal
Worst Case
±100 IRE Ramp
NTSC
PAL
0.001
0.010
0.100
0.1
1
10
20
VS = 2.7 V
VS = 3 V
VS = 3.3 V
Amplifier Noise
Limit Line
VO − Output Voltage − VPP
f = 100 kHz,
Bandwidth = 600 kHz,
Gain = 2,
RF = 2 kΩ,
RL = 1 kΩ , to VS/2
VS = 5 V
VS = ±5 V
VS = 15 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1
2
3
Number of Loads − 150
Ω
Gain = 2
RF= 2.5 kΩ
VS = ±5 V
40 IRE − NTSC and Pal
Worst Case
±100 IRE Ramp
NTSC
PAL
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1
2
3
Number of Loads − 150
Ω
Gain = 2
Rf = 2.5 kΩ
VS = ±5 V
40 IRE − NTSC and Pal
Worst Case
±100 IRE Ramp
NTSC
PAL
°
−200
−100
0
100
200
300
400
500
600
700
800
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
VS = 5 V
VS = ±5 V
TC − Case Temperature − °C
VS = 3 V
VS = 15 V
VICR = VS/2
430
440
450
460
470
480
490
500
510
520
−40 −30−20 −10 0 10 20 30 40 50 60 70 80 90
0
4
8
12
16
20
24
28
32
36
TC − Case Temperature − °C
VS =15 V
IIB−
IIB+
IOS
TC − Case Temperature − °C
420
430
440
450
460
470
480
490
500
510
−40 −30−20−10 0 10 20 30 40 50 60 70 80 90
0
4
8
12
16
20
24
28
32
36
40
VS = 5 V
IIB−
IIB+
IOS
−60
−50
−40
−30
−20
−10
0
10
20
30
40
50
60
0
100 200 300 400
500 600 700
t − Time − ns
Gain = 2
RL = 1 kΩ
RF = 2.5 kΩ
VS = ± 7.5 V
Output
Input
THS4281
SLOS432A – APRIL 2004 – REVISED NOVEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS (continued)
(f = 100 kHz)
(VS = 5 V)
(VS = 5 V)
TOTAL HARMONIC DISTORTION + NOISE
DIFFERENTIAL GAIN vs
DIFFERENTIAL PHASE vs
vs OUTPUT VOLTAGE
NUMBER OF LOADS
NUMBER OF LOADS
Figure 55.
Figure 56.
Figure 57.
(VS = ±5 V)
(VS = ±5 V)
INPUT OFFSET VOLTAGE
DIFFERENTIAL GAIN vs
DIFFERENTIAL PHASE vs
vs
NUMBER OF LOADS
NUMBER OF LOADS
TEMPERATURE
Figure 58.
Figure 59.
Figure 60.
(VS = 5 V)
(VS = 15 V)
INPUT BIAS AND OFFSET CURRENT
INPUT BIAS AND OFFSET CURRENT
SMALL-SIGNAL
vs TEMPERATURE
vs TEMPERATURE
TRANSIENT RESPONSE
Figure 61.
Figure 62.
Figure 63.
16
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com