Electronic Components Datasheet Search
  English  ▼

X  

THS4281DRG4 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS4281DRG4
Description  VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4281DRG4 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button THS4281DRG4 Datasheet HTML 19Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 20Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 21Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 22Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 23Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 24Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 25Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 26Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
THS4281
www.ti.com
SLOS432A – APRIL 2004 – REVISED NOVEMBER 2009
DESIGN TOOLS
Computer simulation of circuit performance using
SPICE
is
often
useful
when
analyzing
the
Evaluation Fixtures and Application Support
performance of analog circuits and systems. This is
Information
particularly true for video and RF amplifier circuits
where parasitic capacitance and inductance can have
Texas Instruments is committed to providing its
a major effect on circuit performance. A SPICE model
customers with the highest quality of applications
for the THS4281 device is available through either
support. To support this goal, an evaluation board
the Texas Instruments web site or as one model on a
has been developed for the THS4281 operational
disk from the Texas Instruments Product Information
amplifier. The evaluation board is available and easy
Center (1-800-548-6132). The PIC is also available
to use allowing for straight-forward evaluation of the
for
design
assistance
and
detailed
product
device. These evaluation board can be obtained by
information at this number. These models do a good
ordering through the Texas Instruments web site, or
job
of
predicting
small-signal
ac
and
transient
through
your
local
Texas
Instruments
Sales
performance under a wide variety of operating
Representative. A schematic for the evaluation board
conditions. They are not intended to model the
is shown in Figure 77 with their default component
distortion characteristics of the amplifier, nor do they
values. Unpopulated footprints are shown to provide
attempt to distinguish between the package types in
insight into design flexibility.
their
small-signal
ac
performance.
Detailed
space
information about what is and is not modeled is
contained in the model file itself.
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): THS4281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com