Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Dual, Wideband, Low-Noise Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA690 Datasheet(HTML) 4 Page - Texas Instruments

  OPA690 Datasheet HTML 1Page - Texas Instruments OPA690 Datasheet HTML 2Page - Texas Instruments OPA690 Datasheet HTML 3Page - Texas Instruments OPA690 Datasheet HTML 4Page - Texas Instruments OPA690 Datasheet HTML 5Page - Texas Instruments OPA690 Datasheet HTML 6Page - Texas Instruments OPA690 Datasheet HTML 7Page - Texas Instruments OPA690 Datasheet HTML 8Page - Texas Instruments OPA690 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
OPA2822
4
SBOS188E
www.ti.com
AC PERFORMANCE (see Figure 3)
Small-Signal Bandwidth
G = +1, VO = 0.1VPP, RF = 0Ω
350
MHz
typ
C
G = +2, VO = 0.1VPP
180
105
102
100
MHz
min
B
G = +10, VO = 0.1VPP
20
13
11
10
MHz
min
B
Gain-Bandwidth Product
G > 20
200
130
110
105
MHz
min
B
Peaking at a Gain of +1
VO < 0.1VPP
6
dB
typ
C
Large-Signal Bandwidth
G = +2, VO = 2VPP
20
MHz
typ
C
Slew Rate
G = +2, 2V Step
120
90
85
80
V/
µsmin
B
Rise-and-Fall Time
G = +2, VO = 0.2V Step
2.0
2.7
3.2
3.3
ns
max
B
Settling Time to 0.02%
G = +2, VO = 2V Step
40
ns
typ
C
0.1%
G = +2, VO = 2V Step
38
ns
typ
C
Harmonic Distortion
G = +2, f = 1MHz, VO = 2VPP
2nd-Harmonic
RL = 200Ω to VS/2
–85
–82
–81
–80
dBc
max
B
RL = 500Ω to VS/2
–87
–83
–82
–81
dBc
max
B
3rd-Harmonic
RL = 100Ω to VS/2
–99
–94
–91
–90
dBc
max
B
RL = 1500Ω to VS/2
–103
–98
–95
–94
dBc
max
B
Input Voltage Noise
f > 1MHz
2.1
2.3
2.4
2.6
nV/
√Hz
max
B
Input Current Noise
f > 1MHz
1.5
1.9
2.0
2.1
pA/
√Hz
max
B
DC PERFORMANCE(4)
Open-Loop Voltage Gain
VO = 0V, RL = 200Ω to 2.5V
90
81
78
76
dB
min
A
Input Offset Voltage
VCM = 2.5V
±0.3
±1.3
±1.5
±1.6
mV
max
A
Average Offset Voltage Drift
VCM = 2.5V
5.5
5.5
µV/°Cmax
B
Input Bias Current
VCM = 2.5V
–8
–16
–19
–20
µAmax
A
Average Bias Current Drift
VCM = 2.5V
50
50
nA/
°Cmax
B
Input Offset Current
VCM = 2.5V
±100
±400
±600
±700
nA
max
A
Average Offset Current Drift
VCM = 2.5V
5
5
nA/
°Cmax
B
INPUT
Least Positive Input Voltage
1.2
1.5
1.6
1.65
V
min
A
Most Positive Input Voltage
3.8
3.5
3.4
3.35
V
max
A
Common-Mode Rejection Ratio (CMRR)
VCM = +2.5V
110
85
82
80
dB
min
A
Input Impedance
Differential-Mode
VCM = +2.5V
15
 1kΩ || pF
typ
C
Common-Mode
VCM = +2.5V
5
 1.3
M
Ω || pF
typ
C
OUTPUT
Most Positive Output Voltage
No Load
3.9
3.8
3.6
3.5
V
min
A
RL = 100Ω to 2.5V
3.7
3.5
3.4
3.35
V
min
A
Least Positive Output Voltage
No Load
1.3
1.4
1.5
1.55
V
min
A
RL = 100Ω to 2.5V
1.4
1.5
1.6
1.65
V
min
A
Current Output, Sourcing
+150
+90
+85
+80
mA
min
A
Current Output, Sinking
–150
–90
–85
–80
mA
min
A
Short-Circuit Current
Output Shorted to Either Supply
200
mA
typ
C
Closed-Loop Output Impedance
G = +1, f = 100kHz
0.01
Ω
typ
C
POWER SUPPLY
Specified Single-Supply Operating Voltage
5
V
typ
C
Maximum Single-Supply Operating Voltage
12.6
12.6
12.6
V
max
A
Max Quiescent Current
VS = +5V, both channels
8
10
10.2
10.4
mA
max
A
Min Quiescent Current
VS = +5V, both channels
8
7.2
7.0
6.9
mA
min
A
Power-Supply Rejection Ratio
Input Referred
90
dB
typ
C
THERMAL CHARACTERISTICS
Specified Operating Range U, E Package
–40 to +85
°C
typ
C
Thermal Resistance,
θ
JA
Junction-to-Ambient
USO-8
125
°C/W
typ
C
EMSOP
150
°C/W
typ
C
NOTES: (1) Junction temperature = ambient for +25
°C tested specifications.
(2) Junction temperature = ambient at low temperature limit: junction temperature = ambient +23
°C at high temperature limit for over temperature tested
specifications.
(3) Test Levels: (A) 100% tested at +25
°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation.
(C) Typical value only for information.
(4) Current is considered positive-out-of node. VCM is the input common-mode voltage.
ELECTRICAL CHARACTERISTICS: VS = +5V
Boldface limits are tested at +25
°C.
RF = 402Ω, RL = 100Ω to VS / 2, and G = +2, (see Figure 3 for AC performance only), unless otherwise noted.
OPA2822U, E
TYP
MIN/MAX OVER TEMPERATURE
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(1)
70
°C(2)
+85
°C(2)
UNITS
MAX LEVEL(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com