Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Dual, Wideband, Low-Noise Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA690 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 14Page - Texas Instruments OPA690 Datasheet HTML 15Page - Texas Instruments OPA690 Datasheet HTML 16Page - Texas Instruments OPA690 Datasheet HTML 17Page - Texas Instruments OPA690 Datasheet HTML 18Page - Texas Instruments OPA690 Datasheet HTML 19Page - Texas Instruments OPA690 Datasheet HTML 20Page - Texas Instruments OPA690 Datasheet HTML 21Page - Texas Instruments OPA690 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
OPA2822
18
SBOS188E
www.ti.com
HIGH DYNAMIC RANGE ADC DRIVER
Numerous circuit approaches exist to provide the last stage
of amplification before the ADC in high-performance applica-
tions. For very high dynamic range applications where the
signal channel can be AC-coupled, the circuit shown in
Figure 10 provides exceptional performance. Most very high
performance ADCs > 12-bit performance require differential
inputs to achieve the dynamic range. The circuit of Figure 10
converts a single-ended source to differential via a 1:2 turns
ratio transformer, which then drives the inverting gain setting
resistors (RG). These resistors are fixed at 100Ω to provide
input matching to a 50
Ω source on the transformer primary
side. The gain can then be adjusted by setting the feedback
resistor values. For best performance, this circuit operates
with a ground centered output on
±5V supplies, although a
+12V supply can also provide excellent results. Since most
high-performance converters operate on a single +5V sup-
ply, the output is level shifted through an AC blocking
capacitor to the common-mode input voltage (VCM) for the
converter input, and then low-pass filtered prior to the input
of the converter. This circuit is intended for inputs from 10kHz
to 10MHz, so the output high-pass corner is set to 1.6kHz,
while the low-pass cutoff is set to 20MHz. These are example
cutoff frequencies; the actual filtering requirements would be
set by the specific application.
The 1:2 turns ratio transformer also provides an improvement
in input referred noise figure. Equation 1 shows the Noise
Figure (NF) calculation for this circuit, where RG has been
constrained to provide an input match to RS (through the
transformer) and then RF is set to get the desired overall
gain. With these constraints (and 0
Ω on the noninverting
inputs), the noise figure equation simplifies considerably.
NF
en
i nR
kTR
nn
S
S
=+
+
+




+
(
)
10
2
4
2
1
2
11
2
2
2
log
/
α
α
(1)
where RG = 1/2 n2RS
n = Transformer Turns Ratio
α =R
F/RG
en = Op Amp Input Voltage Noise
in = Inverting Input Current Noise
kT = 4E – 21J[T = 290
°K]
Gain (dB) = 20 log[n
α]
REQUIRED
TOTAL GAIN
LOG GAIN
AMPLIFIER GAIN
NOISE FIGURE
(V/V)
(dB)
(
α)(dB)
4
12.0
2
11.2
5
14.0
2.5
10.4
6
15.6
3
9.9
7
16.9
3.5
9.5
8
18.1
4
9.1
9
19.1
4.5
8.9
10
20.0
5
8.6
TABLE II. Noise Figure versus Gain with n = 2 Trans-
former.
FIGURE 10. Single-Ended to Differential High Dynamic Range ADC Driver.
1/2
OPA2822
+5V
1:2
+5V
–5V
Noise
Figure
Defined
Here
1/2
OPA2822
V
O
V
I
V
O
V
I
R
F
R
G
V
I
R
F
R
F
R
G
100
Ω
R
G
100
Ω
V
CM
1k
Ω
1k
Ω
14-Bit
ADC
0.1
µF
80
Ω
80
Ω
100pF
100pF
1
µF
0.1
µF
500
Ω
V
I
R
S = 50Ω
= 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com