Electronic Components Datasheet Search
  English  ▼

X  

L8565 Datasheet(PDF) 9 Page - Unisonic Technologies

Part # L8565
Description  HIGH PERFORMANCE POWER FACTOR CORRECTION CONTROLLER IN CONTINUOUS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8565 Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button L8565 Datasheet HTML 5Page - Unisonic Technologies L8565 Datasheet HTML 6Page - Unisonic Technologies L8565 Datasheet HTML 7Page - Unisonic Technologies L8565 Datasheet HTML 8Page - Unisonic Technologies L8565 Datasheet HTML 9Page - Unisonic Technologies L8565 Datasheet HTML 10Page - Unisonic Technologies L8565 Datasheet HTML 11Page - Unisonic Technologies L8565 Datasheet HTML 12Page - Unisonic Technologies L8565 Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
L8565
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 13
www.unisonic.com.tw
QW-R114-004.d
FUNCTIONAL DESCRIPTION(Cont.)
4.4 Open Loop Protection / Input Under Voltage Protect (OLP)
Whenever VSENSE voltage falls below 0.8V, or equivalently VOUT falls below 16% of its rated value, it indicates an
open loop condition (i.e. VSENSE pin not connected) or an insufficient input voltage VIN for normal operation. In this
case, most of the blocks within the IC will be shutdown. The function is implemented using comparator C3 with a
threshold of 0.8V as shown in the IC block diagram in Fig. 2.
4.5 Output Under Voltage Detection (OUV)
In the event of main interrupt or brown-out condition, the PFC system is not able to deliver the rated output power.
This will cause the output voltage VOUT to drop below its rated value. The IC provides an output under voltage
detection that checks if VOUT is falling below 50% of its rated value. Comparator C4 as shown in the device block
diagram (Fig. 2) senses the voltage at pin 1 (VSENSE) with a reference of 2.5V. If comparator C4 trips, the IC will be
shut down as in OLP. The IC will be ready to restart if there is sufficient VIN to pull VOUT out of OLP.
4.6 Over-Voltage Protection (OVP)
Whenever VOUT exceeds the rated value by 5%, the over-voltage protection OVP is active as shown in Fig. 7. This
is implemented by sensing the voltage at pin VSENSE with respect to a reference voltage of 5.25V. A VSENSE voltage
higher than 5.25V will immediately reduce the output duty cycle, bypassing the normal voltage loop control. This
results in a lower input power to reduce the output voltage VOUT.
5. Frequency Setting
The switching frequency of the PFC controller is fixed and can be set by an external resistor R5 at FREQ pin. The
pin voltage VFREQ is typically 2.5V. The corresponding capacitor for the oscillator is integrated in the device and the
R5/frequency relationship is given at the “Electrical Characteristic” section. The recommended operating frequency
range is from 50kHz to 250kHz. As an example, a R5 of 33kΩ at pin FREQ will set a switching frequency FSW of
133kHz typically.
6. Average Current Control
6.1 Complete Current Loop
Fig. 10 show the complete system current loop. It consists of the current loop block which averages the voltage at
pin ISENSE, resulted from the inductor current flowing across R1. The averaged waveform is compared with an
internal ramp in the ramp generator and PWM block. Once the ramp crosses the average waveform, the comparator
C1 turns on the driver stage through the PWM logic block. The Nonlinear Gain block defines the amplitude of the
inductor current. The following sections describe the functionality of each individual blocks.
L1
D1
C2
R4
R3
VOUT
GATE
Gate
Driver
R
S
Q
PWM Logic
Input From
Voltage Loop
Nonlinear
Gain
Fault
4V
S2
1.1mS +/-50μA
(linear range)
Current Loop
Compensation
Current Loop
OTA2
+
-
UTC L8565
R7
R1
R2
From
Full-wave
Retifier
ISENSE
ICOMP
C3
C1
+
-
PWM
Comparator
Inductor current
voltage
proportional to
averaged
Fig. 10 Complete System Current Loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com