Electronic Components Datasheet Search
  English  ▼

X  

L8565 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L8565
Description  HIGH PERFORMANCE POWER FACTOR CORRECTION CONTROLLER IN CONTINUOUS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8565 Datasheet(HTML) 1 Page - Unisonic Technologies

  L8565 Datasheet HTML 1Page - Unisonic Technologies L8565 Datasheet HTML 2Page - Unisonic Technologies L8565 Datasheet HTML 3Page - Unisonic Technologies L8565 Datasheet HTML 4Page - Unisonic Technologies L8565 Datasheet HTML 5Page - Unisonic Technologies L8565 Datasheet HTML 6Page - Unisonic Technologies L8565 Datasheet HTML 7Page - Unisonic Technologies L8565 Datasheet HTML 8Page - Unisonic Technologies L8565 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L8565
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 13
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R114-004.d
HIGH PERFORMANCE POWER
FACTOR CORRECTION
CONTROLLER IN CONTINUOUS
CONDUCTION MODE
DESCRIPTION
The UTC L8565 is a wide input range controller integrated circuit for
active power factor correction. The circuit is designed for boost PFC
application, and requires reduced external component count. Its power
supply is recommended to be provided by an external auxiliary supply
which will switch on and off the IC.
The circuit operates in the continuous conduction mode under average
current, and in discontinuous conduction mode only in light load
condition. The switching frequency can be set with the external resistor at
pin 4. Both current and voltage loop compensations are done externally
to allow full user control.
There are many kinds of protection features incorporated to make sure of safe system operation conditions, such as
brown-out protection, output under voltage detection and peak current limitation. The inside reference is adjusted
(5V±2%) to make sure control level and precise protection. There is a particular soft-start function to limit the start up
current and thus reduces the stress on the boost diode.
FEATURES
* Supports wide input range
* Average current control
* Ease of use with few external components
* External current and voltage loop compensation
* Trimmed internal reference voltage (5V±2%)
* Programmable operating/switching frequency
* (50kHz ~ 250kHz)
* Max duty cycle of 95% (typ) at 125kHz
* Under voltage lockout
* Cycle by cycle peak current limiting
* Over-voltage protection
* Open loop detection
* Output under-voltage detection
* Brown-out protection
* Soft Over current Protection
* Enhanced dynamic response
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
L8565L-S08-R
L8565G-S08-R
SOP-8
Tape Reel
L8565L-S08-T
L8565G-S08-T
SOP-8
Tube


Similar Part No. - L8565

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L8565G-S08-R UTC-L8565G-S08-R Datasheet
380Kb / 13P
HIGH PERFORMANCE POWER FACTOR CORRECTION
L8565G-S08-T UTC-L8565G-S08-T Datasheet
380Kb / 13P
HIGH PERFORMANCE POWER FACTOR CORRECTION
L8565L-S08-R UTC-L8565L-S08-R Datasheet
380Kb / 13P
HIGH PERFORMANCE POWER FACTOR CORRECTION
L8565L-S08-T UTC-L8565L-S08-T Datasheet
380Kb / 13P
HIGH PERFORMANCE POWER FACTOR CORRECTION
L8565 UTC-L8565_15 Datasheet
380Kb / 13P
HIGH PERFORMANCE POWER FACTOR CORRECTION
More results

Similar Description - L8565

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE1PCS01 INFINEON-ICE1PCS01 Datasheet
849Kb / 18P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V 1.1, 28 May 2003
ICE2PCS01 INFINEON-ICE2PCS01 Datasheet
539Kb / 19P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
ICE2PCS02 INFINEON-ICE2PCS02 Datasheet
513Kb / 19P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
2007-10-09 V2.2
ICE1PCS01 INFINEON-ICE1PCS01_07 Datasheet
458Kb / 18P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.3, 06 Feb 2007
ICE2PCS05 INFINEON-ICE2PCS05 Datasheet
541Kb / 22P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 1.0, 09 Oct 2008
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
ICE2PCS05 INFINEON-ICE2PCS05_10 Datasheet
500Kb / 20P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode
Version 1.2, 22 Mar 2010
logo
Sanken electric
SSC2001S SANKEN-SSC2001S Datasheet
213Kb / 8P
Power Factor Correction Continuous Conduction Mode Controller
logo
SHENZHEN FUMAN ELECTRON...
TC6562 FUMAN-TC6562 Datasheet
1Mb / 4P
High performance power factor correction controller
TC6562B FUMAN-TC6562B Datasheet
1Mb / 4P
High performance power factor correction controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com