Electronic Components Datasheet Search
  English  ▼

X  

THS4504D Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4504D
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4504D Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button THS4504D Datasheet HTML 17Page - National Semiconductor (TI) THS4504D Datasheet HTML 18Page - National Semiconductor (TI) THS4504D Datasheet HTML 19Page - National Semiconductor (TI) THS4504D Datasheet HTML 20Page - National Semiconductor (TI) THS4504D Datasheet HTML 21Page - National Semiconductor (TI) THS4504D Datasheet HTML 22Page - National Semiconductor (TI) THS4504D Datasheet HTML 23Page - National Semiconductor (TI) THS4504D Datasheet HTML 24Page - National Semiconductor (TI) THS4504D Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
CHOOSING THE PROPER VALUE FOR THE
APPLICATION CIRCUITS USING FULLY
Gain
V
OD
V
IN
THS4504
THS4505
www.ti.com ......................................................................................................................................................... SLOS363D – AUGUST 2002 – REVISED MAY 2008
requirements, determine the value of
the
gain
FEEDBACK AND GAIN RESISTORS
resistors, directly impacting the input impedance of
the entire circuit. While there are no strict rules about
The selection of feedback and gain resistors impacts
resistor selection, these trends can provide qualitative
circuit performance in a number of ways. The values
design guidance.
in this section provide the optimum high-frequency
performance
(lowest
distortion,
flat
frequency
response). Since the THS4500 family of amplifiers is
DIFFERENTIAL AMPLIFIERS
developed with a voltage-feedback architecture, the
choice of resistor values does not have a dominant
Fully differential amplifiers provide designers with a
effect
on
bandwidth,
unlike
a
current-feedback
great
deal
of
flexibility
in
a
wide
variety
of
amplifier.
However,
resistor
choices
do
have
applications. This section provides an overview of
second-order effects. For optimal performance, the
some common circuit configurations and gives some
following feedback resistor values are recommended.
design guidelines. Designing the interface to an ADC,
In higher gain configurations (gain greater than two),
driving lines differentially, and filtering with fully
the feedback resistor values have much less effect on
differential amplifiers are a few of the circuits that are
the high-frequency performance. Example feedback
covered.
and gain resistor values are given in the section on
basic design considerations (Table 3).
Amplifier loading, noise, and the flatness of the
frequency response are three design parameters that
should
be
considered
when
selecting
feedback
resistors. Larger resistor values contribute more noise
and can induce peaking in the ac response in low
gain configurations, and smaller resistor values can
load the amplifier more heavily, resulting in a
reduction in distortion performance. In addition,
feedback
resistor
values,
coupled
with
gain
Table 2. Midrail Referenced
Gain (V/V)
VIN+ (V)
VIN– (V)
VIN (VPP)
VOCM (V)
VOD (VPP)
VNMIN (V)
VNMAX (V)
1
0.5 to 4.5
2.5
4
2.5
4
2
3
2
1.5 to 3.5
2.5
2
2.5
4
2.16
2.83
4
2.0 to 3.0
2.5
1
2.5
4
2.3
2.7
8
2.25 to 2.75
2.5
0.5
2.5
4
2.389
2.61
Table 3. Resistor Values for Balanced Operation in Various Gain Configurations
R2 & R4 (
Ω)
R1 (
Ω)
R3 (
Ω)
RT (Ω)
1
392
412
383
54.9
1
499
523
487
53.6
2
392
215
187
60.4
2
1.3 k
665
634
52.3
5
1.3 k
274
249
56.2
5
3.32 k
681
649
52.3
10
1.3 k
147
118
64.9
10
6.81 k
698
681
52.3
Copyright © 2002–2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): THS4504 THS4505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com