Electronic Components Datasheet Search
  English  ▼

X  

THS4504D Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4504D
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4504D Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button THS4504D Datasheet HTML 9Page - National Semiconductor (TI) THS4504D Datasheet HTML 10Page - National Semiconductor (TI) THS4504D Datasheet HTML 11Page - National Semiconductor (TI) THS4504D Datasheet HTML 12Page - National Semiconductor (TI) THS4504D Datasheet HTML 13Page - National Semiconductor (TI) THS4504D Datasheet HTML 14Page - National Semiconductor (TI) THS4504D Datasheet HTML 15Page - National Semiconductor (TI) THS4504D Datasheet HTML 16Page - National Semiconductor (TI) THS4504D Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
−5
−4
−3
−2
−1
0
1
2
3
4
5
10
100
1000
10000
RL − Load Resistance − Ω
VS = ±5 V
TA = −40 to 85°C
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
VOCM − Output Common-Mode Voltage − V
Single-Ended to
Differential Output
Gain = 1
VO = 2 VPP
Rf = 499 Ω
VS = ±5 V
HD3, 30 MHz
−3.5
−2.5
−1.5
−0.5
0.5
1.5
2.5
3.5
HD2, 30 MHz
HD2, 8 MHz
HD2, 3 MHz
0.1
1
10
100
0.1
1
10
100
f − Frequency − MHz
Gain = 1
RL = 400 Ω
Rf = 499 Ω
VI = −4 dBm
VS = ±5 V
−5
0
5
10
15
20
25
30
−5 −4.5 −4 −3.5 −3 −2.5 −2 −1.5 −1 −0.5 0
Power-Down Voltage − V
−600
−400
−200
0
200
400
600
−5 −4 −3 −2 −1
0
1
2
3
4
5
VOC − Output Common-Mode Voltage − V
−3
−2
−1
0
1
2
3
1
10
100
1000
f − Frequency − MHz
Gain = 1
RL = 400 Ω
Rf = 499 Ω
PIN= −20 dBm
VS = ±5 V
0.1
1
10
100
1000
f − Frequency − MHz
Gain = 1
RL = 800 Ω
Rf = 499 Ω
VI = −1 dBm
VS = ±5 V
0
300
600
900
1200
1500
−1
−2
−5
0 0.5 1
2
0
100.5 101
102
103
−3
−6
−4
0
0.01
0.03
0.02
t − Time − ms
1.5
2.5 3
Current
THS4504
THS4505
www.ti.com ......................................................................................................................................................... SLOS363D – AUGUST 2002 – REVISED MAY 2008
TYPICAL CHARACTERISTICS: ±5 V (continued)
CLOSED-LOOP OUTPUT
HARMONIC DISTORTION
OUTPUT VOLTAGE
IMPEDANCE
vs
vs
vs
OUTPUT COMMON-MODE
LOAD RESISTANCE
FREQUENCY
VOLTAGE
Figure 28.
Figure 29.
Figure 30.
OUTPUT OFFSET VOLTAGE AT VOCM
vs
QUIESCENT CURRENT
SMALL-SIGNAL FREQUENCY
OUTPUT COMMON-MODE
vs
RESPONSE AT VOCM
VOLTAGE
POWER-DOWN VOLTAGE
Figure 31.
Figure 32.
Figure 33.
SINGLE-ENDED OUTPUT IMPEDANCE
IN POWER-DOWN
TURN-ON AND
vs
TURN-OFF DELAY TIME
FREQUENCY
Figure 34.
Figure 35.
Copyright © 2002–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): THS4504 THS4505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com