Electronic Components Datasheet Search
  English  ▼

X  

P2172 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # P2172
Description  100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P2172 Datasheet(HTML) 3 Page - Unisonic Technologies

  P2172 Datasheet HTML 1Page - Unisonic Technologies P2172 Datasheet HTML 2Page - Unisonic Technologies P2172 Datasheet HTML 3Page - Unisonic Technologies P2172 Datasheet HTML 4Page - Unisonic Technologies P2172 Datasheet HTML 5Page - Unisonic Technologies P2172 Datasheet HTML 6Page - Unisonic Technologies P2172 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
P2172
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R103-067.a
BLOCK DIAGRAM
2.3V
REG
2.3V
VIN
OSC
LOGIC
DRIVER
ANTISAT
MODE
SELECT
FLY-BACK
EA
PWM
-
+
EA
-
+
SENSE
S.D.
COMP
FB
1.24V
0.15V
GND
VC
16V
E1
E2
Q2
Q1
0.16Ω
0.16Ω
UVLO
VSW
5
7
8
6
2
1
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com