Electronic Components Datasheet Search
  English  ▼

X  

P2172 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # P2172
Description  100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P2172 Datasheet(HTML) 1 Page - Unisonic Technologies

  P2172 Datasheet HTML 1Page - Unisonic Technologies P2172 Datasheet HTML 2Page - Unisonic Technologies P2172 Datasheet HTML 3Page - Unisonic Technologies P2172 Datasheet HTML 4Page - Unisonic Technologies P2172 Datasheet HTML 5Page - Unisonic Technologies P2172 Datasheet HTML 6Page - Unisonic Technologies P2172 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
P2172
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R103-067.a
100KHZ, 1.25A HIGH
EFFICIENCY SWITCHING
REGULATORS
DESCRIPTION
The UTC P2172 is monolithic high power switching regulators.
It can be operated in all standard switching configurations
including boost, buck, fly-back, forward, inverting and “Cuk.”
By utilizing current-mode switching techniques, they provide
excellent AC and DC load and line regulation.
FEATURES
* Wide Input Voltage Range: 3V~60V
* Low Quiescent Current: 6mA
* Very Few External Parts Required
* Self-Protected Against Overloads
* Operates in Nearly All Switching Topologies
* Flyback-Regulated Mode Has Fully Floating Outputs
* Can Be Externally Synchronized
DIP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
P2172L-D08-T
P2172G-D08-T
DIP-8
Tube
P2172G-D08-T
(1)Packing Type
(2)Package Type
(1) T: Tube
(2) D08: DIP-8
(3) L: Lead Free, G: Halogen Free
(3)Halogen Free


Similar Part No. - P2172

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P2172G-D08-T UTC-P2172G-D08-T Datasheet
180Kb / 7P
100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
P2172L-D08-T UTC-P2172L-D08-T Datasheet
180Kb / 7P
100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
P2172 UTC-P2172_15 Datasheet
180Kb / 7P
100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
More results

Similar Description - P2172

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1072 LINER-LT1072 Datasheet
1,017Kb / 11P
1.25A High Efficiency Switching Regulator
LT1170 LINER-LT1170 Datasheet
266Kb / 20P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
Micrel Semiconductor
MIC2172 MICREL-MIC2172 Datasheet
129Kb / 16P
100kHz 1.25A Switching Regulators Preliminary Information
MIC2172 MICREL-MIC2172_05 Datasheet
158Kb / 17P
100kHz 1.25A Switching Regulators
logo
Microsemi Corporation
LX2172 MICROSEMI-LX2172 Datasheet
259Kb / 6P
1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
logo
Micrel Semiconductor
MIC2172 MICREL-MIC2172_06 Datasheet
912Kb / 20P
100kHz 1.25A Switching Regulators
logo
Linear Technology
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1172 LINER-LT1172_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
Unisonic Technologies
P2172 UTC-P2172_15 Datasheet
180Kb / 7P
100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com