Electronic Components Datasheet Search
  English  ▼

X  

THS4501CDG4 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS4501CDG4
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4501CDG4 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button THS4501CDG4 Datasheet HTML 27Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 28Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 29Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 30Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 31Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 32Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 33Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 34Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
THS4500
THS4501
www.ti.com
SLOS350F
– APRIL 2002 – REVISED OCTOBER 2011
PRINTED CIRCUIT BOARD LAYOUT
capacitance can add a pole and/or a zero below
TECHNIQUES FOR OPTIMAL
400 MHz that can affect circuit operation. Keep
PERFORMANCE
resistor values as low as possible, consistent with
load driving considerations.
Achieving optimum performance with high frequency
•
Connections to other wideband devices on the
amplifier-like devices in the THS4500 family requires
board may be made with short direct traces or
careful attention to PCB layout parasitic and external
through onboard transmission lines. For short
component types.
connections, consider the trace and the input to
Recommendations that optimize performance include:
the next device as a lumped capacitive load.
Relatively wide traces (50 mils to 100 mils, or 1.27
•
Minimize parasitic capacitance to any ac ground
mm to 2.54 mm) should be used, preferably with
for all of the signal I/O pins. Parasitic capacitance
ground and power planes opened up around
on the output and input pins can cause instability.
them. Estimate the total capacitive load and
To reduce unwanted capacitance, a window
determine if isolation resistors on the outputs are
around the signal I/O pins should be opened in all
necessary. Low parasitic capacitive loads (less
of the ground and power planes around those
than 4 pF) may not need an RS since the
pins. Otherwise, ground and power planes should
THS4500 family is nominally compensated to
be unbroken elsewhere on the board.
operate with a 2-pF parasitic load. Higher parasitic
•
Minimize the distance (
< 0.25”, 6.35 mm) from the
capacitive loads without an RS are allowed as the
power-supply
pins
to
high
frequency
0.1-
μF
signal gain increases (increasing the unloaded
decoupling capacitors. At the device pins, the
phase margin). If a long trace is required, and the
ground and power-plane layout should not be in
6-dB signal loss intrinsic to a doubly-terminated
close proximity to the signal I/O pins. Avoid
transmission line is acceptable, implement a
narrow power and ground traces to minimize
matched
impedance
transmission
line
using
inductance between the pins and the decoupling
microstrip or stripline techniques (consult an ECL
capacitors. The power supply connections should
design handbook for microstrip and stripline layout
always
be
decoupled
with
these
capacitors.
techniques).
Larger (6.8
μF or more) tantalum decoupling
•
A 50-
Ω environment is normally not necessary
capacitors, effective at lower frequency, should
onboard,
and
in
fact,
a
higher
impedance
also be used on the main supply pins. These may
environment improves distortion as shown in the
be placed somewhat farther from the device and
distortion versus load plots. With a characteristic
may be shared among several devices in the
board trace impedance defined based onboard
same area of the PCB. The primary goal is to
material and trace dimensions, a matching series
minimize
the
impedance
seen
in
the
resistor into the trace from the output of the
differential-current return paths.
THS4500 family is used as well as a terminating
•
Careful
selection
and
placement
of
external
shunt resistor at the input of the destination
components
preserve
the
high-frequency
device.
performance of the THS4500 family. Resistors
•
Remember also that the terminating impedance is
should
be
a
very
low
reactance
type.
the parallel combination of the shunt resistor and
Surface-mount resistors work best and allow a
the input impedance of the destination device: this
tighter
overall
layout.
Metal-film
and
carbon
total effective impedance should be set to match
composition, axially-leaded resistors can also
the trace impedance. If the 6-dB attenuation of a
provide good high frequency performance. Again,
doubly-terminated
transmission
line
is
keep the leads and PCB trace length as short as
unacceptable,
a
long
trace
can
be
possible. Never use wirewound type resistors in a
series-terminated at the source end only. Treat
high-frequency application. Since the output pin
the trace as a capacitive load in this case. This
and inverting input pins are the most sensitive to
configuration does not preserve signal integrity as
parasitic
capacitance,
always
position
the
well as a doubly-terminated line. If the input
feedback and series output resistors, if any, as
impedance of the destination device is low, there
close as possible to the inverting input pins and
is some signal attenuation due to the voltage
output pins. Other network components, such as
divider formed by the series output into the
input termination resistors, should be placed close
terminating impedance.
to the gain-setting resistors. Even with a low
parasitic
capacitance
shunting
the
external
•
Socketing a high-speed part such as the THS4500
resistors, excessively high resistor values can
family is not recommended. The additional lead
create significant time constants that can degrade
length and pin-to-pin capacitance introduced by
performance.
Good
axial
metal-film
or
the socket can create an extremely troublesome
surface-mount
resistors
have
approximately
parasitic
network
that
can
make
it
almost
0.2 pF in shunt with the resistor. For resistor
impossible to achieve a smooth, stable frequency
values
greater
than
2.0 k
Ω,
this
parasitic
response. Best results are obtained by soldering
Copyright
© 2002–2011, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): THS4500 THS4501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com