Electronic Components Datasheet Search
  English  ▼

X  

THS4501CDG4 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS4501CDG4
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4501CDG4 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button THS4501CDG4 Datasheet HTML 7Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 8Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 9Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 10Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 11Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 12Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 13Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 14Page - National Semiconductor (TI) THS4501CDG4 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
HD2
HD3
VO − Output Voltage Swing − V
Differential Input to
Differential Output
Gain = 1
RL = 800 Ω
Rf = 499 Ω
f= 8 MHz
VS = ±5 V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
HD2
HD3
VO − Output Voltage Swing − V
Single-Ended Input to
Differential Output
Gain = 1
RL = 800 Ω
Rf = 392 Ω
f= 30 MHz
VS = ±5 V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
HD2
HD3
VO − Output Voltage Swing − V
Differentia Input to
Differential Output
Gain = 1
RL = 800 Ω
Rf = 392 Ω
f= 30 MHz
VS = ±5 V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
10
100
HD2
HD3
f − Frequency − MHz
Single-Ended Input to
Differential Output
Gain = 2
RL = 800 Ω
Rf = 1 kΩ
VO = 1 VPP
VS = ±5 V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
10
100
HD2
HD3
f − Frequency − MHz
Single-Ended Input to
Differential Output
Gain = 2
RL = 800 Ω
Rf = 1 kΩ
VO = 2 VPP
VS = ±5 V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0.1
1
10
100
0
HD2
f − Frequency − MHz
Differential Input to
Differential Output
Gain = 2
RL = 800 Ω
Rf = 1 kΩ
VO = 1 VPP
VS = ±5 V
HD3
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0.1
1
10
100
0
HD2
HD3
f − Frequency − MHz
Differential Input to
Differential Output
Gain = 2
RL = 800 Ω
Rf = 1 kΩ
VO = 2 VPP
VS = ±5 V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
HD2
HD3
VO − Output Voltage Swing − V
Single-Ended Input to
Differential Output
Gain = 2
RL = 800 Ω
Rf = 1 kΩ
f= 8 MHz
VS = ±5 V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
HD2
HD3
VO − Output Voltage Swing − V
Single-Ended Input to
Differential Output
Gain = 2
RL = 800 Ω
Rf = 1 kΩ
f= 8 MHz
VS = ±5 V
THS4500
THS4501
www.ti.com
SLOS350F
– APRIL 2002 – REVISED OCTOBER 2011
TYPICAL CHARACTERISTICS:
±5 V (continued)
HARMONIC DISTORTION
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs
OUTPUT VOLTAGE SWING
OUTPUT VOLTAGE SWING
OUTPUT VOLTAGE SWING
Figure 10.
Figure 11.
Figure 12.
HARMONIC DISTORTION
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
Figure 15.
HARMONIC DISTORTION
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
OUTPUT VOLTAGE SWING
OUTPUT VOLTAGE SWING
Figure 16.
Figure 17.
Figure 18.
Copyright
© 2002–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): THS4500 THS4501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com