Electronic Components Datasheet Search
  English  ▼

X  

THS4631 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4631
Description  HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4631 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button THS4631 Datasheet HTML 4Page - National Semiconductor (TI) THS4631 Datasheet HTML 5Page - National Semiconductor (TI) THS4631 Datasheet HTML 6Page - National Semiconductor (TI) THS4631 Datasheet HTML 7Page - National Semiconductor (TI) THS4631 Datasheet HTML 8Page - National Semiconductor (TI) THS4631 Datasheet HTML 9Page - National Semiconductor (TI) THS4631 Datasheet HTML 10Page - National Semiconductor (TI) THS4631 Datasheet HTML 11Page - National Semiconductor (TI) THS4631 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
t − Time − ns
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
30
35
40
Rising
Falling
G = −1,
CF = 4.7 pF
t − Time − ns
−1.5
−1.25
−1
−0.75
−0.5
−0.25
0
0.25
0.5
0.75
1
1.25
1.5
0
5
10
15
20
25
30
35
40
Rising
Falling
G = −1,
CF = 4.7 pF
−20
−15
−10
−5
0
5
10
15
20
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
−4
−3
−2
−1
0
1
2
3
4
Gain = 5,
RF = 499 Ω,
RG = 124 Ω
t − Time − ms
Input
Output
−20
−15
−10
−5
0
5
10
15
20
−0.05
0
0.05 0.1
0.15 0.2 0.25 0.3 0.35
−4
−3
−2
−1
0
1
2
3
4
Gain = 5,
RF = 499 Ω,
RG = 124 Ω
t − Time − ms
Input
Output
0
10
20
30
40
50
60
70
80
90
100
−15
−10
−5
0
5
10
15
VICR − Input Common-Mode Range − V
0
10
20
30
40
70
80
90
100
10 k
100 k
1 M
10 M
100 M
f − Frequency − Hz
50
60
CMRR
PSRR+
PSRR−
0.01
0.1
1
10
100
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
THS4631
SLOS451B
– DECEMBER 2004 – REVISED AUGUST 2011
www.ti.com
TYPICAL CHARACTERISTICS (
±15 V GRAPHS) (continued)
TA = 25°C, G = 2, RF = 499 Ω, RL = 1 kΩ, Unless otherwise noted.
SETTLING TIME
SETTLING TIME
OVERDRIVE RECOVERY
Figure 25.
Figure 26.
Figure 27.
COMMON-MODE REJECTION RATIO
REJECTION RATIO
vs
vs
OVERDRIVE RECOVERY
INPUT COMMON-MODE RANGE
FREQUENCY
Figure 28.
Figure 29.
Figure 30.
OUTPUT IMPEDANCE
vs
FREQUENCY
Figure 31.
8
Copyright
© 2004–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com