| Electronic Components Datasheet Search |
|
THS4631 Datasheet(PDF) 12 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
THS4631 Datasheet(HTML) 12 Page - National Semiconductor (TI) |
|
12 / 34 page ![]() R E Q + RF 1 1 ) R F 2 R F 3 _ + RF2 CF λ −V(Bias) RL RF1 RF3 1 C F E Q + 1 C F 1 1 ) C F 3 C F 2 _ + RF2 CF λ −V(Bias) RL RF1 _ + RF CF2 λ −V(Bias) RL CF1 CF3 THS4631 SLOS451B – DECEMBER 2004 – REVISED AUGUST 2011 www.ti.com such that the corner frequency of the transconductance network is much less than the transimpedance bandwidth of the circuit. Choosing (5) this corner frequency properly leads to more accurate measurements of the transimpedance bandwidth. If the interface circuit corner frequency is too close to the bandwidth of the circuit, determining the power level in the flatband is difficult. A decade or more of flat bandwidth provides a good basis for determining the proper transimpedance bandwidth. ALTERNATIVE TRANSIMPEDANCE CONFIGURATIONS Other transimpedance configurations are possible. Three possibilities are shown below. A. A resistive T-network enables high The first configuration is a slight modification of the transimpedance gain with reasonable basic transimpedance circuit. By splitting the resistor values. feedback resistor, the feedback capacitor value Figure 40. Alternative Transimpedance becomes more manageable and easier to control. Configuration 2 This type of compensation scheme is useful when the feedback capacitor required in the basic configuration The third configuration uses a capacitive T-network to becomes so small that the parasitic effects of the achieve fine control of the compensation capacitance. board and components begin to dominate the total The capacitor CF3 can be used to tune the total feedback capacitance. By reducing the resistance effective feedback capacitance to a fine degree. This across the capacitor, the capacitor value can be circuit behaves the same as the basic increased. This mitigates the dominance of the transimpedance configuration, with the effective CF parasitic effects. given by Equation 6. (6) A. Splitting the feedback resistor enables use of a larger, more manageable feedback capacitor. Figure 39. Alternative Transimpedance Configuration 1 The second configuration uses a resistive T-network A. A capacitive T-network enables fine control to achieve high transimpedance gains using relatively of the effective feedback capacitance using small resistor values. This topology can be useful relatively large capacitor values. when the desired transimpedance gain exceeds the Figure 41. Alternative Transimpedance value of available resistors. The transimpedance gain Configuration 3 is given by Equation 5. 12 Copyright © 2004–2011, Texas Instruments Incorporated |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |