Electronic Components Datasheet Search
  English  ▼

X  

LM6172AMJFQML Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6172AMJFQML
Description  LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6172AMJFQML Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM6172AMJFQML Datasheet HTML 4Page - National Semiconductor (TI) LM6172AMJFQML Datasheet HTML 5Page - National Semiconductor (TI) LM6172AMJFQML Datasheet HTML 6Page - National Semiconductor (TI) LM6172AMJFQML Datasheet HTML 7Page - National Semiconductor (TI) LM6172AMJFQML Datasheet HTML 8Page - National Semiconductor (TI) LM6172AMJFQML Datasheet HTML 9Page - National Semiconductor (TI) LM6172AMJFQML Datasheet HTML 10Page - National Semiconductor (TI) LM6172AMJFQML Datasheet HTML 11Page - National Semiconductor (TI) LM6172AMJFQML Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
LM6172QML
SNOSAR4A – DECEMBER 2010 – REVISED OCTOBER 2011
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise noted, TA = 25°C
Output Voltage
Output Voltage
vs.
vs.
Output Current
Output Current
(VS = ±15V)
(VS = ±5V)
Figure 9.
Figure 10.
CMRR
PSRR
vs.
vs.
Frequency
Frequency
Figure 11.
Figure 12.
PSRR
vs.
Frequency
Open-Loop Frequency Response
Figure 13.
Figure 14.
8
Submit Documentation Feedback
Copyright © 2010–2011, Texas Instruments Incorporated
Product Folder Links: LM6172QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com