Electronic Components Datasheet Search
  English  ▼

X  

ICS953002 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS953002
Description  Programmable Timing Control Hub for Next Gen P4 processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS953002 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS953002 Datasheet HTML 1Page - Integrated Circuit Systems ICS953002 Datasheet HTML 2Page - Integrated Circuit Systems ICS953002 Datasheet HTML 3Page - Integrated Circuit Systems ICS953002 Datasheet HTML 4Page - Integrated Circuit Systems ICS953002 Datasheet HTML 5Page - Integrated Circuit Systems ICS953002 Datasheet HTML 6Page - Integrated Circuit Systems ICS953002 Datasheet HTML 7Page - Integrated Circuit Systems ICS953002 Datasheet HTML 8Page - Integrated Circuit Systems ICS953002 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
3
Integrated
Circuit
Systems, Inc.
ICS953002
0924—11/18/09
Pin Description (Continued)
PIN #
PIN NAME
TYPE
DESCRIPTION
29
3V66_0
OUT
3.3V 66.66MHz clock output
30
GND3V66
PWR
Ground pin for the 3.3V 66MHz clocks
31
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
32
GNDPCIEX
PWR
Ground pin for the PCI-EX outputs
33
PCIEXC5/PCI_PCIEX_STO
P#*
OUT
Complement clock of differential PCI_Express pair. / Active low signal that
stops all PCI and PCIEX clocks besides the free running clocks
34
PCIEXT5/CPU_STOP#*
OUT
True clock of differential PCI_Express pair./Stops all CPUCLK besides the
free running clocks
35
PCIEXC4
OUT
Complement clock of differential PCI_Express pair.
36
PCIEXT4
OUT
True clock of differential PCI_Express pair.
37
PCIEXC3
OUT
Complement clock of differential PCI_Express pair.
38
PCIEXT3
OUT
True clock of differential PCI_Express pair.
39
VDDPCIEX
PWR
Power supply for PCI Express clocks, nominal 3.3V
40
GNDPCIEX
PWR
Ground pin for the PCI-EX outputs
41
PCIEXC2
OUT
Complement clock of differential PCI_Express pair.
42
PCIEXT2
OUT
True clock of differential PCI_Express pair.
43
PCIEXC1
OUT
Complement clock of differential PCI_Express pair.
44
PCIEXT1
OUT
True clock of differential PCI_Express pair.
45
VDDPCIEX
PWR
Power supply for PCI Express clocks, nominal 3.3V
46
CPUCLKC2_ITP/PCIEXC0
OUT
Complementary clock of differential pair CPU outputs. These are current
mode outputs. External resistors are required for voltage bias./
Complement clock of differential PCIEX pair
47
CPUCLKT2_ITP/PCIEXT0
OUT
True clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias. / True clock of
differential PCIEX pair
48
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
49
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
50
CPUCLKC1
OUT
Complementary clock of differential pair CPU outputs. These are current
mode outputs. External resistors are required for voltage bias.
51
CPUCLKT1
OUT
True clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
52
GNDCPU
PWR
Ground pin for the CPU outputs
53
CPUCLKC0
OUT
Complementary clock of differential pair CPU outputs. These are current
mode outputs. External resistors are required for voltage bias.
54
CPUCLKT0
OUT
True clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
55
IREF
OUT
This pin establishes the reference current for the differential current-mode
output pairs. This pin requires a fixed precision resistor tied to ground in
order to establish the appropriate current. 475 ohms is the standard value.
56
GND
PWR
Ground pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com