Electronic Components Datasheet Search
  English  ▼

X  

F2970 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # F2970
Description  FOR FAN MOTOR SINGLE-PHASE FULL-WAVE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F2970 Datasheet(HTML) 3 Page - Unisonic Technologies

  F2970 Datasheet HTML 1Page - Unisonic Technologies F2970 Datasheet HTML 2Page - Unisonic Technologies F2970 Datasheet HTML 3Page - Unisonic Technologies F2970 Datasheet HTML 4Page - Unisonic Technologies F2970 Datasheet HTML 5Page - Unisonic Technologies F2970 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
F2970
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R109-035.a
BLOCK DIAGRAM
VM
VCC
6VREG
HB
IN+
IN-
FG
S-GND
CT P-IN RMI VTH
WH WL CPWM
P-GND
OUT
OUT
Overheat
Protection
Constant
voltage
1.25V
Hysteresis
AMP
Charge/
discharge
Controller
Current
control
circuit
RMI
VTH
CPWM
P-IN
-
+
+
-
H: Rotation mode
L: Regeneration
mode
Comparator
Delay
circuit
Delay
circuit
Oscillation



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com