Electronic Components Datasheet Search
  English  ▼

X  

F2970 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # F2970
Description  FOR FAN MOTOR SINGLE-PHASE FULL-WAVE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F2970 Datasheet(HTML) 6 Page - Unisonic Technologies

  F2970 Datasheet HTML 1Page - Unisonic Technologies F2970 Datasheet HTML 2Page - Unisonic Technologies F2970 Datasheet HTML 3Page - Unisonic Technologies F2970 Datasheet HTML 4Page - Unisonic Technologies F2970 Datasheet HTML 5Page - Unisonic Technologies F2970 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
F2970
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R109-035.a
TYPICAL APPLICATION CIRCUIT
*4
Rf
VCC
HB
IN-
IN+
6VREG
PIN
WH
WL
RMI
VTH
CPWM
CT
SGND
VM
FG
OUT1
OUT2
PGND
CM
*2
*7
*8
*5
Hall
R6
R4
*3-3
R5
PWM-IN
RTU
*3
TH
*3-1
R1
R2
R7
R8
R3
*6
CP=100pF
*f=25kHz
C=2200~4700pF
R=20~50Ω
*3-2
R1
R2
*1
WH
WL
R3
VCC
UTC
F2970
CT=0.47~1µF
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com