Electronic Components Datasheet Search
  English  ▼

X  

THS4140 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4140
Description  HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4140 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  THS4140 Datasheet HTML 1Page - National Semiconductor (TI) THS4140 Datasheet HTML 2Page - National Semiconductor (TI) THS4140 Datasheet HTML 3Page - National Semiconductor (TI) THS4140 Datasheet HTML 4Page - National Semiconductor (TI) THS4140 Datasheet HTML 5Page - National Semiconductor (TI) THS4140 Datasheet HTML 6Page - National Semiconductor (TI) THS4140 Datasheet HTML 7Page - National Semiconductor (TI) THS4140 Datasheet HTML 8Page - National Semiconductor (TI) THS4140 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
THS4140
THS4141
SLOS320F – MAY 2000 – REVISED JANUARY 2006
MIN
TYP
MAX
UNIT
Dual supply
±2.5
±15
VCC
Supply voltage, VCC– to VCC+
V
Single supply
5
30
C suffix
0
70
TA
Operating free-air temperature
°C
I suffix
–40
85
V
CC = ±5 V, RL = 800 Ω, TA = 25°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE
VCC = ±5,
Gain = 1, Rf = 390 Ω
150
MHz
BW
Small signal bandwidth (–3 dB)
VCC = ±15,
Gain = 1, Rf = 390 Ω
160
MHz
SR
Slew rate(2)
Gain = 1
450
V/µs
Settling time to 0.1%
96
Differential step voltage = 2 VPP,
ts
ns
Gain = 1
Settling time to 0.01%
304
DISTORTION PERFORMANCE
1 MHz
VO = 2 VPP
–85
Second harmonic distortion, differential
dB
in/differential out
8 MHz
VO = 2 VPP
–65
1 MHz
VO = 2 VPP
–79
Third harmonic distortion, differential in/differential
dB
out
8 MHz
VO = 2 VPP
–55.5
Total harmonic distortion
VCC = 5
f = 1 MHz
–78
Differential input, differential output
VCC = ±5
f = 1 MHz
–78
THD
dB
Gain = 1, Rf = 390 Ω, RL = 800 Ω,
VCC = ±15
f = 1 MHz
–79
VO = 2 VPP
Spurious free dynamic range (SFDR)
–79
dB
Intermodulation distortion
5 MHz
–103
dBc
Third-order intercept
20 MHz
37
dB
NOISE PERFORMANCE
Vn
Input voltage noise
f = 10 kHz
6.5
nV/
√Hz
In
Input current noise
f = 10 kHz
1.25
pA/
√Hz
DC PERFORMANCE
TA = 25°C
63
67
Open loop gain
dB
TA = full range
60
Input offset voltage, differential
TA = 25°C
1
7
TA = full range
8.5
mV
VOS
Input offset voltage, referred to VOCM
TA = 25°C
0.5
8
Offset drift
TA = full range
7
µV/°C
IIB
Input bias curent
5.1
15
µA
IOS
Input offset current
TA = full range
0.1
1
µA
Offset drift
0.3
nA/°C
(1)
The full range temperature is 0°C to 70°C for the C suffix, and –40°C to 85°C for the I suffix.
(2)
Slew rate is measured from an output level range of 25% to 75%.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com