Electronic Components Datasheet Search
  English  ▼

X  

THS4140 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4140
Description  HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4140 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button THS4140 Datasheet HTML 4Page - National Semiconductor (TI) THS4140 Datasheet HTML 5Page - National Semiconductor (TI) THS4140 Datasheet HTML 6Page - National Semiconductor (TI) THS4140 Datasheet HTML 7Page - National Semiconductor (TI) THS4140 Datasheet HTML 8Page - National Semiconductor (TI) THS4140 Datasheet HTML 9Page - National Semiconductor (TI) THS4140 Datasheet HTML 10Page - National Semiconductor (TI) THS4140 Datasheet HTML 11Page - National Semiconductor (TI) THS4140 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
www.ti.com
−110
−100
−90
−80
−70
−60
−50
−40
−30
100 k
1M
10 M
100 M
VO = 4 VPP,
RL = 800 Ω,
Rf = 330 Ω,
G = 1
f − Frequency − Hz
VCC = ±15 V
VCC = ±5 V
−89
−87
−85
−83
−81
−79
−77
−75
−73
−71
1
1.5
2
2.5
3
3.5
4
4.5
5
VO − Output Voltage − V
VCC = ±5 V
VCC = 5 V
VCC = ±15 V
f = 1 MHz
RL = 800 Ω,
Rf = 330 Ω,
G = 1
2
1.80
1.60
1.50
0
50
100
150
2.10
2.30
2.40
200
250
300
2.20
1.90
1.70
Rf = 510 Ω,
CF = 1 pF,
VO(PP) = 4 V,
VCC = 5 V,
Small Scale
19 ns to 1%
96 ns to 0.1%
304 ns to 0.01%
t − Time − ns
−61
−59
−57
−55
−53
−51
−49
−47
−45
−43
−41
1
2
3
4
5
6
VCC = ±15 V
VCC = 5 V
VCC = ±5 V
f = 16 MHz
RL = 800 Ω,
Rf = 330 Ω,
G = 1
VO − Output Voltage − V
THS4140
THS4141
SLOS320F – MAY 2000 – REVISED JANUARY 2006
TYPICAL CHARACTERISTICS (continued)
THIRD HARMONIC DISTORTION
THIRD HARMONIC DISTORTION
vs
vs
FREQUENCY
OUTPUT VOLTAGE
Figure 11.
Figure 12.
THIRD HARMONIC DISTORTION
vs
OUTPUT VOLTAGE
SETTLING TIME
Figure 13.
Figure 14.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com