Electronic Components Datasheet Search
  English  ▼

X  

U4082BG-S28-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U4082BG-S28-R
Description  VOICE SWITCHED SPEAKER-PHONE CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U4082BG-S28-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U4082BG-S28-R Datasheet HTML 1Page - Unisonic Technologies U4082BG-S28-R Datasheet HTML 2Page - Unisonic Technologies U4082BG-S28-R Datasheet HTML 3Page - Unisonic Technologies U4082BG-S28-R Datasheet HTML 4Page - Unisonic Technologies U4082BG-S28-R Datasheet HTML 5Page - Unisonic Technologies U4082BG-S28-R Datasheet HTML 6Page - Unisonic Technologies U4082BG-S28-R Datasheet HTML 7Page - Unisonic Technologies U4082BG-S28-R Datasheet HTML 8Page - Unisonic Technologies U4082BG-S28-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U4082B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 13
www.unisonic.com.tw
QW-R108-020.A
ABSOLUTE MAXIMUM RATING (TA=25°С, unless otherwise specified. Voltages referred to pin 22)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-1~7
V
Voltage at Pin 3
V3
-1~VCC+1
V
Voltage at Pin 12 ( mute)
V12
-1~VCC +1
V
Voltage at Pin 13 ( VLC)
V13
-1~VCC+0.5
V
Voltage at Pin 9, Pin 21, and Pin 2
V9, 21, 2
-0.5~ VCC+0.5
V
Storage Temperature
TSTR
-65~+150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATION CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V4
3.5~6.5
V
Voltage at Pin 3
V3
0~ VCC
V
Voltage at Pin 12 ( MUTE)
V12
0~ VCC
V
Voltage at Pin 13 ( VLC)
V13
0.3×VB~VB
V
IVB Current ( Pin 15)
IVB
500
µA
Attenuator Input Signal Voltage at Pin 9, Pin 21
V9, V21
350
mVrms
Load Current
RXO, TXO(Pin8, Pin 22)
0~+-2
mA
MCO(Pin 10)
0~+-1
mA
HTO-, HTO+(Pin 6, Pin5)
0~+-0.5
mA
Ambient Operating Temperature
TOPR
-20~+60
°С



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com