Electronic Components Datasheet Search
  English  ▼

X  

U4082BG-S28-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # U4082BG-S28-R
Description  VOICE SWITCHED SPEAKER-PHONE CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U4082BG-S28-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button U4082BG-S28-R Datasheet HTML 5Page - Unisonic Technologies U4082BG-S28-R Datasheet HTML 6Page - Unisonic Technologies U4082BG-S28-R Datasheet HTML 7Page - Unisonic Technologies U4082BG-S28-R Datasheet HTML 8Page - Unisonic Technologies U4082BG-S28-R Datasheet HTML 9Page - Unisonic Technologies U4082BG-S28-R Datasheet HTML 10Page - Unisonic Technologies U4082BG-S28-R Datasheet HTML 11Page - Unisonic Technologies U4082BG-S28-R Datasheet HTML 12Page - Unisonic Technologies U4082BG-S28-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U4082B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 13
www.unisonic.com.tw
QW-R108-020.A
FUNCTIONAL DESCRIPTION(Cont.)
BACKGROUND NOISE MONITORS
To distinguish speech (consists of bursts) from background noise (a relatively constant signal level) is the main
purpose of the background noise monitors. There is one background noise monitor for the receive path and another
one for the transmit path. The receive background noise monitor is operated on by the RLI1-RLO1 level detector, as
same as the transmit background noise monitor is operated on by the TLI2-TLO2 level detector. By storing a DC
voltage representative of the respective noise levels in capacitors at CPR and CPT, the background noise can be
monitored. At these pins, the voltages have slow rise times which determined by the external RC, but fast decay
times. The voltage at the non-inverting input of the monitor’s output comparator won’t be more positive than the
voltage at CPR/CPT when the signal at RLI1/TLI2 changes slowly. But while speech is present, it will rise quicker
than the voltage at the inverting input, causing its output to change. The term’s output is sensed by the attenuator
Control Block.
VOLUME CONTROL
At VLC (pin 13) is the volume control input which is sensed as a voltage with respect to VB. Only in the receive
mode the volume control affects the attenuators. In the receive mode, the receive attenuator’s gain will be +6dB, and
the transmit attenuator’s gain will be -46dB when VLC is equal to VB. When VLC is reduced below VB, the receive
attenuator’s gain is reduced, and the transmit attenuator’s gain is increased, but the sum of them tow remains
constant. Out of the pin VLC, the bias current is typically 60nA.
DIAL TONE DETECTOR
This detector is a comparator with one side connected to RXI and one side input connected to VB with a 15mV
offset. Under this situation: the circuit is in the receive mode, and the incoming signal is greater than 15Mv, the
comparator’s output will change, disabling the receive idle mode. Then receive attenuator will be at a setting only
determined by the volume control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com