Electronic Components Datasheet Search
  English  ▼

X  

SARS05 Datasheet(PDF) 2 Page - Sanken electric

Part # SARS05
Description  High Efficiency Snubber Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SARS05 Datasheet(HTML) 2 Page - Sanken electric

  SARS05 Datasheet HTML 1Page - Sanken electric SARS05 Datasheet HTML 2Page - Sanken electric SARS05 Datasheet HTML 3Page - Sanken electric SARS05 Datasheet HTML 4Page - Sanken electric SARS05 Datasheet HTML 5Page - Sanken electric SARS05 Datasheet HTML 6Page - Sanken electric SARS05 Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
SANKEN ELECTRIC CO., LTD.
SARS05-DS
SARS05
September 2, 2009
High Efficiency Snubber Diode
Absolute Maximum Ratings
Characteristic
Symbol
Conditions
Rating
Unit
Peak Reverse Surge Voltage
VRSM
800
V
Peak Reverse Voltage
VRM
800
V
Average Forward Current
IF(AV)
Refer to figure 1
1.0
A
Peak Forward Surge Current
IFSM
10 ms, half sine wave, one shot
30
A
I2t Limiting Value
I2t
1 ms < t < 10 ms
4.5
A2
⋅s
Junction Temperature
Tj
–40 to 150
°C
Storage Temperature
Tstg
–40 to 150
°C
Selection Guide
Part Number
Packing*
SARS05VL
1800 pieces per reel, embossed taping; cathode left
SARS05VR
1800 pieces per reel, embossed taping; cathode right
*See the Packing Options page for details on the packing orientation.
Design Notes
Use a series resistor (RS in the typical application circuit schematic), and choose a value for the resistor such that the SARS05 diode
saturates at junction temperature, Tj ≤ 150°C.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com