Electronic Components Datasheet Search
  English  ▼

X  

SARS05 Datasheet(PDF) 3 Page - Sanken electric

Part # SARS05
Description  High Efficiency Snubber Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SARS05 Datasheet(HTML) 3 Page - Sanken electric

  SARS05 Datasheet HTML 1Page - Sanken electric SARS05 Datasheet HTML 2Page - Sanken electric SARS05 Datasheet HTML 3Page - Sanken electric SARS05 Datasheet HTML 4Page - Sanken electric SARS05 Datasheet HTML 5Page - Sanken electric SARS05 Datasheet HTML 6Page - Sanken electric SARS05 Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
SANKEN ELECTRIC CO., LTD.
SARS05-DS
SARS05
September 2, 2009
High Efficiency Snubber Diode
Electrical Characteristics
valid at TA = 25°C, unless otherwise specified
Characteristic
Symbol
Test Conditions
Value
Unit
Forward Voltage
VF
IF = 1.0 A
1.05 (max)
V
Reverse Current
IR
VR = VRM
5 (max)
μA
Reverse Current (High Temperature)
IR(H)
VR = VRM , Tj = 100°C
50 (max)
μA
Reverse Recovery Time
trr
IF = IRP = 100 mA, 95% recovery point, Tj = 25°C,
see figure 2
2 to 19 (max)
μs
Thermal Resistance, Junction to Lead
RθJL
Between junction and pin
20 (max)
°C/W
Figure 1. Derating Characteristics and Mounting Conditions
1.0
0.8
0.6
0.4
0.2
0
100
110
120
130
140
150
t / T = 1/6
t / T = 1/3, Sine wave
Pin Temperature, TL (°C)
Forward Current Derating versus Pin Temperature
Tj = 150°C, VR = 0 V
t / T = 1/2
DC
1.0
0.8
0.6
0.4
0.2
0
100
110
120
130
140
150
t / T = 1/6
t / T = 1/3
Pin Temperature, TL (°C)
Forward Current Derating versus Pin Temperature
Tj = 150°C, VR = 800 V
t / T = 1/2
Sine wave
DC
t
T
t
T
Figure 2. Definition of Peak Reverse Current, IRP
IF = IRP = 10 to 100 mA
trr
100 μF
20 μs
200 μs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com