Electronic Components Datasheet Search
  English  ▼

X  

160FT Datasheet(PDF) 45 Page - Numonyx B.V

Part # 160FT
Description  Top / Bottom Boot Block 5 V Supply Flash Memory
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

160FT Datasheet(HTML) 45 Page - Numonyx B.V

Back Button 160FT Datasheet HTML 41Page - Numonyx B.V 160FT Datasheet HTML 42Page - Numonyx B.V 160FT Datasheet HTML 43Page - Numonyx B.V 160FT Datasheet HTML 44Page - Numonyx B.V 160FT Datasheet HTML 45Page - Numonyx B.V 160FT Datasheet HTML 46Page - Numonyx B.V 160FT Datasheet HTML 47Page - Numonyx B.V 160FT Datasheet HTML 48Page - Numonyx B.V 160FT Datasheet HTML 49Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 67 page
background image
M29FxxxFT, M29FxxxFB
Package Mechanical
45/67
8
Package Mechanical
Figure 24.
TSOP48 – 48 lead Plastic Thin Small Outline, 12 x 20mm, Package
Outline, top view
Drawing is not to scale.
Table 19.
TSOP48 – 48 lead Plastic Thin Small Outline, 12 x 20mm, Package
Mechanical Data
Symbol
millimeters
Typ
Min
Max
A1.200
A1
0.100
0.050
0.150
A2
1.000
0.950
1.050
B
0.220
0.170
0.270
C
0.100
0.210
CP
0.080
D1
12.000
11.900
12.100
E
20.000
19.800
20.200
E1
18.400
18.300
18.500
e0.500
–
–
L
0.600
0.500
0.700
L1
0.800
a3
0
5
TSOP-G
B
e
DIE
C
L
A1
α
E1
E
A
A2
1
24
48
25
D1
L1
CP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com