Electronic Components Datasheet Search
  English  ▼

X  

160FT Datasheet(PDF) 19 Page - Numonyx B.V

Part # 160FT
Description  Top / Bottom Boot Block 5 V Supply Flash Memory
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

160FT Datasheet(HTML) 19 Page - Numonyx B.V

Back Button 160FT Datasheet HTML 15Page - Numonyx B.V 160FT Datasheet HTML 16Page - Numonyx B.V 160FT Datasheet HTML 17Page - Numonyx B.V 160FT Datasheet HTML 18Page - Numonyx B.V 160FT Datasheet HTML 19Page - Numonyx B.V 160FT Datasheet HTML 20Page - Numonyx B.V 160FT Datasheet HTML 21Page - Numonyx B.V 160FT Datasheet HTML 22Page - Numonyx B.V 160FT Datasheet HTML 23Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
M29FxxxFT, M29FxxxFB
Description
19/67
Figure 16.
Block Addresses, M29F200 (x8)
Also see Appendix Appendix A: Block Address Table for a full listing of the Block Addresses.
Figure 17.
Block Addresses, M29F200 (x16)
Also see Appendix Appendix A: Block Address Table for a full listing of the Block Addresses.
AI05463_x8_200
16 KByte
3FFFFh
3C000h
64 KByte
1FFFFh
10000h
64 KByte
0FFFFh
00000h
Top Boot Block Addresses (x8)
32 KByte
37FFFh
30000h
64 KByte
20000h
3FFFFh
Total of 3
64 KByte Blocks
16 KByte
2FFFFh
20000h
64 KByte
64 KByte
03FFFh
00000h
Bottom Boot Block Addresses (x8)
32 KByte
2FFFFh
1FFFFh
64 KByte
20000h
10000h
Total of 3
64 KByte Blocks
0FFFFh
08000h
8 KByte
8 KByte
3BFFFh
3A000h
39FFFh
38000h
8 KByte
8 KByte
07FFFh
06000h
05FFFh
04000h
AI05464_x16_200
8 KWord
1FFFFh
1E000h
32 KWord
0FFFFh
08000h
32 KWord
07FFFh
00000h
Top Boot Block Addresses (x16)
16 KWord
3BFFFh
18000h
32 KWord
10000h
17FFFh
Total of 3
32 KWord Blocks
8 KWord
1FFFFh
18000h
32 KWord
32 KWord
01FFFh
00000h
Bottom Boot Block Addresses (x16)
16 KWord
17FFFh
0FFFFh
32 KWord
10000h
08000h
Total of 3
32 KWord Blocks
07FFFh
04000h
4 KWord
4 KWord
1DFFFh
1D000h
3CFFFh
1C000h
4 KWord
4 KWord
03FFFh
03000h
02FFFh
02000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com