Electronic Components Datasheet Search
  English  ▼

X  

LMV358IDE4 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV358IDE4
Description  Low-Voltage Rail-To-Rail Output Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV358IDE4 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMV358IDE4 Datasheet HTML 13Page - National Semiconductor (TI) LMV358IDE4 Datasheet HTML 14Page - National Semiconductor (TI) LMV358IDE4 Datasheet HTML 15Page - National Semiconductor (TI) LMV358IDE4 Datasheet HTML 16Page - National Semiconductor (TI) LMV358IDE4 Datasheet HTML 17Page - National Semiconductor (TI) LMV358IDE4 Datasheet HTML 18Page - National Semiconductor (TI) LMV358IDE4 Datasheet HTML 19Page - National Semiconductor (TI) LMV358IDE4 Datasheet HTML 20Page - National Semiconductor (TI) LMV358IDE4 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
THD + N
vs
FREQUENCY
Frequency − Hz
0.001
0.010
0.100
1.000
10.000
10
100
1000
10000
100000
LMV324S
LMV3xx
VCC = 2.7 V
RL = 10 kΩ
AV = 10
VO = 1 VPP
0.001
0.010
0.100
1.000
10.000
10
100
1000
10000
100000
Frequency − Hz
THD + N
vs
FREQUENCY
LMV324S
LMV3xx
VCC = 5 V
RL = 10 kΩ
AV = 1
VO = 1 VPP
20
40
60
80
100
120
140
160
180
200
10
100
1k
10k
INPUT VOLTAGE NOISE
vs
FREQUENCY
Frequency − Hz
VCC = 2.7 V
VCC = 5 V
0.001
0.010
0.100
1.000
10.000
10
100
1000
10000
100000
Frequency − Hz
THD + N
vs
FREQUENCY
LMV3xx
VCC = 2.7 V
RL = 10 kΩ
AV = 1
VO = 1 VPP
LMV324S
LMV321, LMV358
LMV324, LMV324S
www.ti.com
SLOS263V – AUGUST 1999 – REVISED DECEMBER 2013
Typical Characteristics (continued)
Figure 41.
Figure 42.
Figure 43.
Figure 44.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com