Electronic Components Datasheet Search
  English  ▼

X  

LMV358IDE4 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV358IDE4
Description  Low-Voltage Rail-To-Rail Output Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV358IDE4 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMV358IDE4 Datasheet HTML 1Page - National Semiconductor (TI) LMV358IDE4 Datasheet HTML 2Page - National Semiconductor (TI) LMV358IDE4 Datasheet HTML 3Page - National Semiconductor (TI) LMV358IDE4 Datasheet HTML 4Page - National Semiconductor (TI) LMV358IDE4 Datasheet HTML 5Page - National Semiconductor (TI) LMV358IDE4 Datasheet HTML 6Page - National Semiconductor (TI) LMV358IDE4 Datasheet HTML 7Page - National Semiconductor (TI) LMV358IDE4 Datasheet HTML 8Page - National Semiconductor (TI) LMV358IDE4 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
LMV321, LMV358
LMV324, LMV324S
www.ti.com
SLOS263V – AUGUST 1999 – REVISED DECEMBER 2013
Electrical Characteristics
VCC+ = 5 V, at specified free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP(2)
MAX
UNIT
25°C
1.7
7
VIO
Input offset voltage
mV
Full range
9
Average temperature
αVIO
coefficient of input offset
25°C
5
μV/°C
voltage
25°C
15
250
IIB
Input bias current
nA
Full range
500
25°C
5
50
IIO
Input offset current
nA
Full range
150
Common-mode rejection
CMRR
VCM = 0 to 4 V
25°C
50
65
dB
ratio
Supply-voltage
VCC = 2.7 V to 5 V, VO = 1 V,
kSVR
25°C
50
60
dB
rejection ratio
VCM = 1 V
0
–0.2
Common-mode input
VICR
CMRR
≥ 50 dB
25°C
V
voltage range
4.2
4
25°C
VCC – 300
VCC – 40
High level
Full range
VCC – 400
RL = 2 kΩ to 2.5 V
25°C
120
300
Low level
Full range
400
VO
Output swing
mV
25°C
VCC – 100
VCC – 10
High level
Full range
VCC – 200
RL = 10 kΩ to 2.5 V
25°C
65
180
Low level
Full range
280
25°C
15
100
Large-signal differential
AVD
RL = 2 kΩ
V/mV
voltage gain
Full range
10
Sourcing, VO = 0 V
5
60
Output short-circuit
IOS
25°C
mA
current
Sinking, VO = 5 V
10
160
25°C
130
250
LMV321I
Full range
350
25°C
210
440
ICC
Supply current
LMV358I (both amplifiers)
μA
Full range
615
25°C
410
830
LMV324I/LMV324SI
(all four amplifiers)
Full range
1160
B1
Unity-gain bandwidth
CL = 200 pF
25°C
1
MHz
Φm
Phase margin
25°C
60
deg
Gm
Gain margin
25°C
10
dB
Equivalent input
Vn
f = 1 kHz
25°C
39
nV/
√Hz
noise voltage
Equivalent input
In
f = 1 kHz
25°C
0.21
pA/
√Hz
noise current
SR
Slew rate
25°C
1
V/
μs
(1)
Full range TA = –40°C to 125°C for I temperature(LMV321, LMV358, LMV324, LMV321IDCK), –40°C to 85°C for (LMV324S) and –40°C
to 125°C for Q temperature.
(2)
Typical values represent the likely parametric nominal values determined at the time of characterization. Typical values depend on the
application and configuration and may vary over time. Typical values are not ensured on production material.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com