Electronic Components Datasheet Search
  English  ▼

X  

LMV321M5 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV321M5
Description  Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV321M5 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LMV321M5 Datasheet HTML 14Page - National Semiconductor (TI) LMV321M5 Datasheet HTML 15Page - National Semiconductor (TI) LMV321M5 Datasheet HTML 16Page - National Semiconductor (TI) LMV321M5 Datasheet HTML 17Page - National Semiconductor (TI) LMV321M5 Datasheet HTML 18Page - National Semiconductor (TI) LMV321M5 Datasheet HTML 19Page - National Semiconductor (TI) LMV321M5 Datasheet HTML 20Page - National Semiconductor (TI) LMV321M5 Datasheet HTML 21Page - National Semiconductor (TI) LMV321M5 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N, LMV358-N-Q1
LMV324-N, LMV324-N-Q1
SNOS012I – AUGUST 2000 – REVISED FEBRUARY 2013
www.ti.com
Figure 57. Two-Op-Amp Instrumentation Amplifier
Single-Supply Inverting Amplifier
There may be cases where the input signal going into the amplifier is negative. Because the amplifier is
operating in single supply voltage, a voltage divider using R3 and R4 is implemented to bias the amplifier so the
input signal is within the input common-mode voltage range of the amplifier. The capacitor C1 is placed between
the inverting input and resistor R1 to block the DC signal going into the AC signal source, VIN. The values of R1
and C1 affect the cutoff frequency, fc = 1/2πR1C1.
As a result, the output signal is centered around mid-supply (if the voltage divider provides V+/2 at the non-
inverting input). The output can swing to both rails, maximizing the signal-to-noise ratio in a low voltage system.
Figure 58. Single-Supply Inverting Amplifier
ACTIVE FILTER
Simple Low-Pass Active Filter
The simple low-pass filter is shown in Figure 59. Its low-frequency gain (
ω → 0) is defined by −R3/R1. This allows
low-frequency gains other than unity to be obtained. The filter has a
−20 dB/decade roll-off after its corner
frequency fc. R2 should be chosen equal to the parallel combination of R1 and R3 to minimize errors due to bias
current. The frequency response of the filter is shown in Figure 60.
18
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com