Electronic Components Datasheet Search
  English  ▼

X  

LMV321M5 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV321M5
Description  Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV321M5 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMV321M5 Datasheet HTML 1Page - National Semiconductor (TI) LMV321M5 Datasheet HTML 2Page - National Semiconductor (TI) LMV321M5 Datasheet HTML 3Page - National Semiconductor (TI) LMV321M5 Datasheet HTML 4Page - National Semiconductor (TI) LMV321M5 Datasheet HTML 5Page - National Semiconductor (TI) LMV321M5 Datasheet HTML 6Page - National Semiconductor (TI) LMV321M5 Datasheet HTML 7Page - National Semiconductor (TI) LMV321M5 Datasheet HTML 8Page - National Semiconductor (TI) LMV321M5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N, LMV358-N-Q1
LMV324-N, LMV324-N-Q1
www.ti.com
SNOS012I – AUGUST 2000 – REVISED FEBRUARY 2013
5V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = 5V, V− = 0V, V
CM = 2.0V, VO = V
+/2 and R
L > 1 MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(1)
(2)
(1)
SR
Slew Rate
(3)
1
V/µs
GBWP
Gain-Bandwidth Product
CL = 200 pF
1
MHz
Φm
Phase Margin
60
Deg
Gm
Gain Margin
10
dB
en
Input-Referred Voltage Noise
f = 1 kHz
39
in
Input-Referred Current Noise
f = 1 kHz
0.21
(1)
All limits are guaranteed by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
(3)
Connected as voltage follower with 3V step input. Number specified is the slower of the positive and negative slew rates.
CONNECTION DIAGRAM
5-Pin SC70/SOT23
8-Pin SOIC/MSOP
14-Pin SOIC/TSSOP
Figure 1. Top View
Figure 2. Top View
Figure 3. Top View
Devices with an asterisk (*) are future products. Please contact the factory for availability.
Automotive Grade (Q) product incorporates enhanced manufacturing and support processes for the automotive
market, includingdefect detection methodologies. Reliability qualification is compliant with the requirements and
temperature grades defined in the AEC Q100 standard. Automotive Grade products are identified with the letter
Q.
Fully
compliant
PPAP
documentation
is
available.For
more
information
go
to
http://www.national.com/automotive.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com