Electronic Components Datasheet Search
  English  ▼

X  

OPA251 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA251
Description  Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA251 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button OPA251 Datasheet HTML 4Page - National Semiconductor (TI) OPA251 Datasheet HTML 5Page - National Semiconductor (TI) OPA251 Datasheet HTML 6Page - National Semiconductor (TI) OPA251 Datasheet HTML 7Page - National Semiconductor (TI) OPA251 Datasheet HTML 8Page - National Semiconductor (TI) OPA251 Datasheet HTML 9Page - National Semiconductor (TI) OPA251 Datasheet HTML 10Page - National Semiconductor (TI) OPA251 Datasheet HTML 11Page - National Semiconductor (TI) OPA251 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
®
OPA241, 2241, 4241
OPA251, 2251, 4251
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, and RL = 100kΩ connected to VS/2 (ground for VS ±15V), unless otherwise noted.
Curves apply to OPA241 and OPA251 unless specified.
OPA241
SMALL-SIGNAL STEP RESPONSE
VS = +5V, G = +1, RL = 100kΩ, CL = 100pF
OPA241
LARGE-SIGNAL STEP RESPONSE
VS = +5V, G + 1, RL = 100kΩ, CL = 100pF
OPA251
SMALL-SIGNAL STEP RESPONSE
VS = ±15V, G = +1, RL = 100kΩ, CL = 500pF
OPA251
LARGE-SIGNAL STEP RESPONSE
VS = ±15V, G = +1, RL = 100kΩ, CL = 500pF
200
µs/div
200
µs/div
200
µs/div
2ms/div
QUIESCENT CURRENT
PRODUCTION DISTRIBUTION
Quiescent Current (
µA)
35
30
25
20
15
10
5
0
V
S = ±15V
Per Amplifier
Typical production distribution
of packaged units. Singles,
duals, and quads included.
QUIESCENT CURRENT
PRODUCT DISTRIBUTION
Quiescent Current (
µA)
25
20
15
10
5
0
V
S = +5V
Per Amplifier
Typical production
distribution of
packaged units.
Singles, duals,
and quads included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com