Electronic Components Datasheet Search
  English  ▼

X  

OPA251 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA251
Description  Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA251 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button OPA251 Datasheet HTML 6Page - National Semiconductor (TI) OPA251 Datasheet HTML 7Page - National Semiconductor (TI) OPA251 Datasheet HTML 8Page - National Semiconductor (TI) OPA251 Datasheet HTML 9Page - National Semiconductor (TI) OPA251 Datasheet HTML 10Page - National Semiconductor (TI) OPA251 Datasheet HTML 11Page - National Semiconductor (TI) OPA251 Datasheet HTML 12Page - National Semiconductor (TI) OPA251 Datasheet HTML 13Page - National Semiconductor (TI) OPA251 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
®
OPA241, 2241, 4241
OPA251, 2251, 4251
R
L
10
Ω
A1
OPA241
+
R
1
38.3k
Ω
R
3
38.3k
Ω
R
5
383k
Ω
R
6
10k
Ω
R
7
9.09k
Ω
R
4
20k
Ω
R
2
19.1k
Ω
A2
OPA241
R
8
100k
Ω
R
H
10
Ω
I
H
V+
V–
V+
V–
2.7V to ±15V
V+ for A
1, A2
–In
+In
–In
+In
V
O = 10 • IH • RH
To Load
To Load
V
O = 10 • IL • RL
Common-mode range of A2
extends to V– for low-side sensing.
Optional for I
B Cancellation
(R
7 = R6 II R8)
R
2 and R4 divide down the
common-mode input to A1.
Low-Side
Current Sense
High-Side
Current Sense
Out
Out
NOTE: Low and high-side sensing circuits can be used independently.
V– for A
1, A2
I
L
FIGURE 5. Low and High-Side Battery Current Sensing.
R
S
5k
Ω
OPA241
C
L
V
IN
V
OUT
FIGURE 4. Series Resistor in Unity Gain Configuration Improves Capacitive Load Drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com