Electronic Components Datasheet Search
  English  ▼

X  

OPA320 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA320
Description  Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA320 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button OPA320 Datasheet HTML 16Page - National Semiconductor (TI) OPA320 Datasheet HTML 17Page - National Semiconductor (TI) OPA320 Datasheet HTML 18Page - National Semiconductor (TI) OPA320 Datasheet HTML 19Page - National Semiconductor (TI) OPA320 Datasheet HTML 20Page - National Semiconductor (TI) OPA320 Datasheet HTML 21Page - National Semiconductor (TI) OPA320 Datasheet HTML 22Page - National Semiconductor (TI) OPA320 Datasheet HTML 23Page - National Semiconductor (TI) OPA320 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
OPA320, OPA2320
OPA320S, OPA2320S
SBOS513E – AUGUST 2010 – REVISED JUNE 2013
www.ti.com
REVISION HISTORY
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (November 2011) to Revision E
Page
•
Deleted Ordering Information table ....................................................................................................................................... 2
•
Changed Shutdown, VIH and VIL parameters in Electrical Characteristics table .................................................................. 4
•
Added Figure 29 and Figure 30 .......................................................................................................................................... 11
•
Added Figure 31 and Figure 32 .......................................................................................................................................... 11
Changes from Revision C (August 2011) to Revision D
Page
•
Changed status of OPA2320 SO-8 (D) to production data from product preview. ............................................................... 2
Changes from Revision B (March 2010) to Revision C
Page
•
Added SHDN value to Electrical Characteristics condition line ............................................................................................ 3
•
Added new test condition row for Input Bias Current Over Temperature parameter ........................................................... 3
•
Changed test condition for Phase Margin parameter in Electrical Characteristics ............................................................... 3
•
Added test condition to Short-Circuit Current parameter in Electrical Characteristics ......................................................... 4
•
Changed Shutdown subsection of Electrical Characteristics along with associated notes .................................................. 4
•
Changed Power Supply subsection of Electrical Characteristics ......................................................................................... 4
•
Added values to Thermal Information tables, moved to new page, and updated format ..................................................... 5
•
Removed D (SO-8) package pinout drawing from Pin Configurations section ..................................................................... 6
•
Changed names of pins 2 and 6 for DGS (MSOP-10) package .......................................................................................... 6
•
Changed Figure 4 ................................................................................................................................................................. 7
•
Changed Figure 18 ............................................................................................................................................................... 9
•
Changed 100µs to 100ns in first paragraph of Overload Recovery Time section .............................................................. 15
•
Changed Figure 38 ............................................................................................................................................................. 15
•
Changed Figure 39 ............................................................................................................................................................. 15
•
Changed R2 value in Figure 44 from 500Ω to 50kΩ ........................................................................................................... 18
20
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: OPA320 OPA2320 OPA320S OPA2320S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com