Electronic Components Datasheet Search
  English  ▼

X  

OPA320 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA320
Description  Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA320 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button OPA320 Datasheet HTML 11Page - National Semiconductor (TI) OPA320 Datasheet HTML 12Page - National Semiconductor (TI) OPA320 Datasheet HTML 13Page - National Semiconductor (TI) OPA320 Datasheet HTML 14Page - National Semiconductor (TI) OPA320 Datasheet HTML 15Page - National Semiconductor (TI) OPA320 Datasheet HTML 16Page - National Semiconductor (TI) OPA320 Datasheet HTML 17Page - National Semiconductor (TI) OPA320 Datasheet HTML 18Page - National Semiconductor (TI) OPA320 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
70
60
50
40
30
20
10
0
0
3000
CapacitiveLoad(pF)
2500
500
1000
1500
2000
G=1,V =1.8V
S
G=1,V =5.5V
S
G=10,V =1.8V
S
G=10,V =5.5V
S
1
0.5
0
0.5
1
1.5
2
2.5
3
-
-
-
-
-
-
9.75
11
Time(250ns/div)
10
10.25
10.5
10.75
Output
Input
V = 2.75V
G= 10
±
-
S
10
to
W
20W
V+
V
IN
V
OUT
R
S
R
L
C
L
OPA320
3
2.5
2
1.5
1
0.5
0
0.5
1
-
-
9.75
11
Time(250ns/div)
10
10.25
10.5
10.75
Input
Output
V = 2.75V
G= 10
±
-
S
OPA320, OPA2320
OPA320S, OPA2320S
www.ti.com
SBOS513E – AUGUST 2010 – REVISED JUNE 2013
The equivalent series resistance (ESR) of some very
OVERLOAD RECOVERY TIME
large capacitors (CL > 1µF) is sufficient to alter the
Overload recovery time is the time it takes the output
phase characteristics in the feedback loop such that
of the amplifier to come out of saturation and recover
the amplifier remains stable. Increasing the amplifier
to the linear region. Overload recovery is particularly
closed-loop
gain
allows
the
amplifier
to
drive
important in applications where small signals must be
increasingly
larger
capacitance.
This
increased
amplified
in
the
presence
of
large
transients.
capability is evident when observing the overshoot
Figure 38 and Figure 39 show the positive and
response of the amplifier at higher voltage gains, as
negative overload recovery times of the OPA320,
shown in Figure 37. One technique for increasing the
respectively. In both cases, the time elapsed before
capacitive load drive capability of the amplifier
the OPA320 comes out of saturation is less than
operating in unity gain is to insert a small resistor
100ns. In addition, the symmetry between the positive
(RS), typically 10Ω to 20Ω, in series with the output,
and negative recovery times allows excellent signal
as shown in Figure 36.
rectification without distortion of the output signal.
This resistor significantly reduces the overshoot and
ringing associated with large capacitive loads. A
possible problem with this technique is that a voltage
divider is created with the added series resistor and
any resistor connected in parallel with the capacitive
load. The voltage divider introduces a gain error at
the output that reduces the output swing. The error
contributed
by
the
voltage
divider
may
be
insignificant. For instance, with a load resistance, RL
= 10k
Ω and RS = 20Ω, the gain error is only about
0.2%. However, when RL is decreased to 600Ω,
which the OPA320 is able to drive, the error
increases to 7.5%.
Figure 38. Positive Recovery Time
Figure 36. Improving Capacitive Load Drive
Figure 39. Negative Recovery Time
Figure 37. Small-Signal Overshoot versus
Capacitive Load (100mVPPoutput step)
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: OPA320 OPA2320 OPA320S OPA2320S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com