Electronic Components Datasheet Search
  English  ▼

X  

OPA335 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA335
Description  0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA335 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button OPA335 Datasheet HTML 5Page - National Semiconductor (TI) OPA335 Datasheet HTML 6Page - National Semiconductor (TI) OPA335 Datasheet HTML 7Page - National Semiconductor (TI) OPA335 Datasheet HTML 8Page - National Semiconductor (TI) OPA335 Datasheet HTML 9Page - National Semiconductor (TI) OPA335 Datasheet HTML 10Page - National Semiconductor (TI) OPA335 Datasheet HTML 11Page - National Semiconductor (TI) OPA335 Datasheet HTML 12Page - National Semiconductor (TI) OPA335 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
www.ti.com
OPA334, OPA2334, OPA335, OPA2335
SBOS245D
FIGURE 3. Temperature Measurement Circuit.
++
+
––
4.096V
0.1
µF
+5V
Zero Adj.
K-Type
Thermocouple
40.7
µV/°C
R
2
549
Ω
R
9
150k
Ω
R
5
31.6k
Ω
R
1
6.04k
Ω
R
6
200
Ω
+5V
0.1
µF
R
2
2.94k
Ω
V
O
R
3
60.4
Ω
R
4
6.04k
Ω
OPA335
D1
REF3040
FIGURE 4. Auto-Zeroed Transimpedance Amplifier.
FIGURE 5. Single Op Amp Bridge Amplifier Circuits.
R
1
V
EX
V
OUT
V
REF
R
1
OPA335
R
R
RR
+5V
a. 5V Supply Bridge Amplifier.
V
EX = +2.5V
R
1 = 105Ω
@ V
S = 2.7V,
V
CMmax = 1.2V
V
OUT
OPA335
300
Ω
Bridge
+2.7V
R
2
Select R
1 so bridge
output
≤ V
CMmax.
V
REF
R
2
b. 2.7V Supply Bridge Amplifier.
1M
Ω
I
IN
R
1
R
2
C
1
C
2
40k
Ω(1)
–5V
OPA343
OPA335
Photodiode
NOTE: (1) Optional pull-down
resistor to allow below
ground output swing.
+5V
+5V
b. Single Supply.
1M
Ω
I
IN
R
1
R
2
+2.5V
OPA343
–2.5V
+2.5V
C
1
C
2
–2.5V
OPA335
Photodiode
a. Split Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com