Electronic Components Datasheet Search
  English  ▼

X  

OPA335 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA335
Description  0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA335 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button OPA335 Datasheet HTML 6Page - National Semiconductor (TI) OPA335 Datasheet HTML 7Page - National Semiconductor (TI) OPA335 Datasheet HTML 8Page - National Semiconductor (TI) OPA335 Datasheet HTML 9Page - National Semiconductor (TI) OPA335 Datasheet HTML 10Page - National Semiconductor (TI) OPA335 Datasheet HTML 11Page - National Semiconductor (TI) OPA335 Datasheet HTML 12Page - National Semiconductor (TI) OPA335 Datasheet HTML 13Page - National Semiconductor (TI) OPA335 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
www.ti.com
OPA334, OPA2334, OPA335, OPA2335
SBOS245D
FIGURE 7. Low-Side Current Measurement.
ADS1100
5V
V
11.5k
Ω
I2C
1k
Ω
R
S
Load
(PGA Gain = 8)
5V FS
50mV
Shunt
FS = 0.63V
G = 12.5
NOTE: (1) Pull-down resistor
to allow accurate swing to 0V.
–5V
R
3
(1)
40k
Ω
+5V
OPA335
FIGURE 6. Dual Op Amp IA Bridge Amplifier.
R
2
–5V
V
REF
R
3
(1)
40k
Ω
G = 1 +
R
2
R
1
R
1
R
1
+5V
+5V
R
2
1/2
OPA2335
R
R
RR
V
OUT
1/2
OPA2335
NOTE: (1) Optional pull-down resistor
to allow accurate swing to 0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com