Electronic Components Datasheet Search
  English  ▼

X  

CS3865C Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS3865C
Description  High Performance Dual Channel Current Mode Controller with ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS3865C Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS3865C Datasheet HTML 1Page - Cherry Semiconductor Corporation CS3865C Datasheet HTML 2Page - Cherry Semiconductor Corporation CS3865C Datasheet HTML 3Page - Cherry Semiconductor Corporation CS3865C Datasheet HTML 4Page - Cherry Semiconductor Corporation CS3865C Datasheet HTML 5Page - Cherry Semiconductor Corporation CS3865C Datasheet HTML 6Page - Cherry Semiconductor Corporation CS3865C Datasheet HTML 7Page - Cherry Semiconductor Corporation CS3865C Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Note 1: Maximum package power dissipation limits must be observed.
Note 3: Adjust VCC above the Start-Up threshold before setting to 15V.
Note 4: This parameter is measured at latch trip point with VFB=0V.
Note 5: Comparator gain is defined as:
AV =
Note 6: These parameters are guaranteed by design but not 100% tested
in production.
Note 7: Low duty cycle pulse techniques are used during test to main-
tain junction temperature as close to ambient as possible: Tlow=0°C ;
Thigh=+70°C
∆V Compensation
∆V Current Sense
s
Current Sense Section
Current Sense Input
(Notes 4 and 5)
2.75
3.00
3.25
V/V
Voltage Gain
Maximum Current Sense
(Note 4)
430
480
530
mV
Input Threshold
Input Bias Current
-2.0
-10.0
µA
Propagation Delay
Current Sense Input to Output (Note 6)
150
300
ns
s
Output 2 Enable Pin
Enable Pin Voltage
High State
Output 2 enabled
3.5
VREF
V
Low State
Output 2 disabled
0.0
1.5
V
Low State Input Current
VIL= 0V
100
250
400
µA
s
Drive Outputs
Output Voltage
Low State
ISINK=20mA
0.1
0.4
V
ISINK=200mA
1.6
2.5
V
High State
ISOURCE=20mA
13.0
13.5
V
ISOURCE=200mA
12.0
13.4
V
Output Voltage with
VCC=6.0V, ISINK=1.0mA
0.1
1.1
V
UVLO Activated
Output Voltage Rise Time
CL=1.0nF (Note 6)
28
150
ns
Output Voltage Fall Time
CL=1.0nF (Note 6)
25
150
ns
s
Undervoltage Lockout Section
Start-Up Threshold
CS3865C
13
14
15
V
Minimum Operating Voltage
9.0
10.0
11.0
V
After Turn-On
Hysteresis
4V
s
Total Device
Start-Up Current
VCC=12V
0.6
1.0
mA
Operating Current
(Note 7)
20
25
mA
Power Supply Zener Voltage ICC=30mA
15.5
17.0
19.0
V
Electrical Characteristics: VCC = 15V, RT = 8.2kΩ, CT = 3.3nF, for typical values TA=25˚C, for min/max values TA is the operating
ambient temperature range that applies [Note 3].



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com