Electronic Components Datasheet Search
  English  ▼

X  

CS4124 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS4124
Description  High Side PWM FET Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS4124 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS4124 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS4124 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS4124 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS4124 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS4124 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS4124 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics: 4V ≤ VCC ≤ 26V, -40˚C < TA < 125°C, (unless otherwise specified)
1196
Absolute Maximum Ratings
Storage Temperature ................................................................................................................................................-65˚C to 150˚C
VCC .................................................................................................................................................................................-0.3V to 30V
VCC Peak Transient Voltage (load dump = 26V w/series 10Ω resistor) ...........................................................................40V
Input Voltage Range (at any input) ...........................................................................................................................-0.3V to 10V
Maximum Junction Temperature ..........................................................................................................................................150˚C
Lead Temperature Soldering
Wave Solder (through hole styles only) ......................................................................................10 sec. max, 260°C peak
ESD Capability (Human Body Model) ....................................................................................................................................2kV
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
s
VCC Supply
Operating Current Supply
7V ≤ VCC ≤ 18V
5
10
mA
4V ≤ VCC < 7V, 18V < VCC ≤ 26V
15
mA
Quiescent Current
VCC = 12V
170
275
µA
Overvoltage Shutdown
26.5
29
V
s
Control (CTL)
Control Input Current
CTL = 0V to 5V
-2
0.1
2
µA
Sleep Mode Threshold
8%
10%
12%
VREG
Sleep Mode Hysteresis
7V ≤ VCC ≤ 26V
50
100
150
mV
4V ≤ VCC < 7V
10
150
mV
s
Current Sense
Differential Voltage Sense
7V ≤ VCC ≤ 18V
IADJ = 1V and RCS1 = 51Ω
18
34
mV
IADJ = 4V and RCS1 = 51Ω
104
125
mV
4V ≤ VCC < 7V
IADJ =1V and RCS1 = 51Ω
15
39
mV
18V < VCC ≤ 26V
IADJ = 1V and RCS1 = 51Ω
15
39
mV
IADJ = 4V and RCS1 = 51Ω
102
130
mV
IADJ Input Current
4V ≤ VCC ≤ 26V
-2
0.3
2
µA
IADJ = 0V to 5V
s
Linear Regulator
Output Voltage, VREG
VCC = 4V
2.0
V
VCC = 13.2V
4.85
5.15
V
VCC = 26V
4.85
5.20
V
s
Inhibit
Inhibit Threshold
40%
50%
60%
VREG
Inhibit Hysteresis
4V ≤ VCC ≤ 7V
100
500
mV
7V ≤ VCC ≤ 26V
150
325
500
mV
s
External Drive (OUTPUT)
Output Frequency
4V ≤ VCC < 7V
ROSC = 93.1kΩ, COSC = 470pF
10
25
kHz
7V ≤ VCC ≤ 18V,
ROSC = 93.1kΩ, COSC = 470pF
17
20
23
kHz
18V < VCC ≤ 26V
ROSC = 93.1kΩ, COSC = 470pF
17
20
25
kHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com