Electronic Components Datasheet Search
  English  ▼

X  

CS4124 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS4124
Description  High Side PWM FET Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS4124 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS4124 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS4124 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS4124 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS4124 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS4124 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS4124 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1197
Electrical Characteristics: 4V ≤ VCC ≤ 26V, -40˚C < TA = 125°C, (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Package Lead Description
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
s
External Drive (OUTPUT): continued
Voltage to Duty Cycle
4V ≤ VCC < 7V
Conversion
VCC = 13V, CTL = 1V
65
75
%
VCC = 13V, CTL = 2V
100
%
7V ≤ VCC ≤ 18V
VCC = 13V, CTL = 30% VREG
28.3
36.3
%
VCC = 13V, CTL = 55.8% VREG
56.0
64.0
%
18V < VCC ≤ 26V
VCC = 13V, CTL = 1. 5V
11.8
21.8
%
VCC = 13V, CTL = 3. 5V
34.2
44.2
%
Output Rise Time
4V ≤ VCC ≤ 26V
.25
1
µs
RGATE = 6Ω, CGATE = 5nF
Output Fall Time
4V ≤ VCC ≤ 26V
.30
1
µs
RGATE = 6Ω, CGATE = 5nF
Output Sink Current
4V ≤ VCC < 7V
150
mA
RGATE = 6Ω, CGATE = 5nF
7V ≤ VCC ≤ 26V
300
mA
RGATE = 6Ω, CGATE = 5nF
Output Source Current
4V ≤ VCC < 7V
150
mA
RGATE = 6Ω, CGATE = 5nF
7V ≤ VCC ≤ 26V
300
mA
RGATE = 6Ω, CGATE = 5nF
Output High Voltage
IOUT = 1mA
VBOOST - 1.7
V
Output Low Voltage
IOUT = -1mA
1.3
V
s
Charge Pump (DRV)
Boost Voltage
VCC + 6.4
V
16 Lead PDIP
1
OUTPUT
MOSFET gate drive
2
BOOST
Boost voltage
3
FLT
Fault time out capacitor
4ROSC
Oscillator resistor
5COSC
Oscillator capacitor
6
CTL
Pulse width control input
7
PGnd
Power ground for on chip clamp
8VCC
Positive power supply input
9VREG
5V linear regulator
10
SNI
Sense inductor current
11
PMP
Collector of boost power transistor
12
ISENSE-
Current sense minus
13
ISENSE+
Current sense plus
14
IADJ
Current limit adjust
15
INH
Output Inhibit
16
Gnd
Ground



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com