Electronic Components Datasheet Search
  English  ▼

X  

2N70Z Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2N70Z
Description  2A, 700V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N70Z Datasheet(HTML) 3 Page - Unisonic Technologies

  2N70Z Datasheet HTML 1Page - Unisonic Technologies 2N70Z Datasheet HTML 2Page - Unisonic Technologies 2N70Z Datasheet HTML 3Page - Unisonic Technologies 2N70Z Datasheet HTML 4Page - Unisonic Technologies 2N70Z Datasheet HTML 5Page - Unisonic Technologies 2N70Z Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N70Z
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-766.B
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD (ON)
VDD =350V, ID =2.0A, RG=25Ω
(Note 1, 2)
30
ns
Turn-On Rise Time
tR
80
ns
Turn-Off Delay Time
tD(OFF)
50
ns
Turn-Off Fall Time
tF
70
ns
Total Gate Charge
QG
VDS=560V, VGS=10V, ID=2.0A
(Note 1, 2)
8.1
11
nC
Gate-Source Charge
QGS
1.7
nC
Gate-Drain Charge
QGD
4.4
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
VGS = 0 V, ISD = 2.0 A
1.4
V
Continuous Drain-Source Current
ISD
2.0
A
Pulsed Drain-Source Current
ISM
8.0
A
Reverse Recovery Time
tRR
VGS = 0 V, ISD = 2.0A
di/dt = 100 A/μs (Note1)
260
ns
Reverse Recovery Charge
QRR
1.09
μC
Notes: 1. Pulse Test: Pulse width≤300μs, Duty cycle≤2%
2. Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com