Electronic Components Datasheet Search
  English  ▼

X  

2N70Z Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N70Z
Description  2A, 700V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N70Z Datasheet(HTML) 1 Page - Unisonic Technologies

  2N70Z Datasheet HTML 1Page - Unisonic Technologies 2N70Z Datasheet HTML 2Page - Unisonic Technologies 2N70Z Datasheet HTML 3Page - Unisonic Technologies 2N70Z Datasheet HTML 4Page - Unisonic Technologies 2N70Z Datasheet HTML 5Page - Unisonic Technologies 2N70Z Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N70Z
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-766.B
2A, 700V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 2N70Z is a high voltage MOSFET designed to have
better characteristics, such as fast switching time, low gate charge,
low on-state resistance and high rugged avalanche characteristics.
This power MOSFET is usually used in the high speed switching
applications of power supplies, PWM motor controls, high efficient
DC to DC converters and bridge circuits.
FEATURES
* RDS(ON) = 6.3Ω@VGS = 10V
* Ultra Low gate charge (typical 8.1nC)
* Low reverse transfer capacitance (CRSS = typical 5.0 pF)
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2N70ZL-TM3-T
2N70ZG-TM3-T
TO-251
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 2N70Z

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N70ZG-TM3-T UTC-2N70ZG-TM3-T Datasheet
260Kb / 6P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
2N70ZL UTC-2N70ZL Datasheet
269Kb / 6P
2A, 700V N-CHANNEL POWER MOSFET
2N70ZL-TM3-T UTC-2N70ZL-TM3-T Datasheet
260Kb / 6P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
2N70ZLG-TM3-T UTC-2N70ZLG-TM3-T Datasheet
269Kb / 6P
2A, 700V N-CHANNEL POWER MOSFET
2N70ZLL-TM3-T UTC-2N70ZLL-TM3-T Datasheet
269Kb / 6P
2A, 700V N-CHANNEL POWER MOSFET
More results

Similar Description - 2N70Z

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N70 TSC-TSM2N70 Datasheet
211Kb / 7P
700V N-Channel Power MOSFET
TSM8N70 TSC-TSM8N70 Datasheet
476Kb / 8P
700V N-Channel Power MOSFET
TSM2N70 TSC-TSM2N70_11 Datasheet
442Kb / 10P
700V N-Channel Power MOSFET
logo
HY ELECTRONIC CORP.
HY2N70D HY-HY2N70D Datasheet
155Kb / 4P
700V / 2A N-Channel Enhancement Mode MOSFET
HY2N70T HY-HY2N70T Datasheet
152Kb / 4P
700V / 2A N-Channel Enhancement Mode MOSFET
logo
Unisonic Technologies
2N70ZL UTC-2N70ZL Datasheet
269Kb / 6P
2A, 700V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70_12 Datasheet
3Mb / 8P
700V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N70 DYELEC-6N70 Datasheet
2Mb / 8P
700V N-Channel Power MOSFET
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
700V N-Channel Power MOSFET
7N70L DYELEC-7N70L Datasheet
2Mb / 6P
700V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com