Electronic Components Datasheet Search
  English  ▼

X  

KBJ4 Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # KBJ4
Description  Glass Passivated Single-Phase Bridge Rectifier, 4A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

KBJ4 Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  KBJ4 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd KBJ4 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd KBJ4 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
Fig.1 Derating curve for output rectified current
Ambient temperature (°C)
5
4
3
2
1
0
0
50
100
150
Fig.2 Maximum non-repetitive peak forward
surge current per bridge element
0
50
75
125
150
1
10
100
Number of cycles at 50 Hz
Fig.3 Typical reverse characteristics per
bridge element
Percent of rated peak reverse voltage (%)
Fig.4 Typical forward characteristics per
bridge element
Forward voltage. volts (v)
T = 125°C
J
100
25
1000
100
10
1.0
0.1
0
20
40
60
80
100
120
140
T = 2
5°C
J
0.01
T = 1
25°C
J
100
10
1.0
0.1
0.6
0.7
0.9
1.1
1.3
T = 25°C
J
0.8
1.0
1.2
KBJ4 Series
Page 3 of 3
www.nellsemi.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com