Electronic Components Datasheet Search
  English  ▼

X  

KBJ4 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # KBJ4
Description  Glass Passivated Single-Phase Bridge Rectifier, 4A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

KBJ4 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  KBJ4 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd KBJ4 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd KBJ4 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
UL recognition file number E320098
Small volume, light weight
Typical IR less than 2.0 µA
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave
Epoxy meets UL 94 V-O flammability rating
PRIMARY CHARACTERRISTICS
IF(AV)
Weight: 4.0g (0.14 ozs)
4A
VRRM
400V to 1200V
1.10V
5 µA
150ºC
IFSM
IR
VF
SEMICONDUCTOR
RoHS
RoHS
Glass Passivated Single-Phase Bridge Rectifier, 4A
Nell High Power Products
Compliant to RoHS
High surge current capability
Low thermal resistance
Small thermal resistance
rectification for big power supply, field supply for DC motor,
industrial automation applications.
ADVANTAGE
TJ max.
150A
KBJ4 Series
KBJ404 Thru KBJ412
Isolation voltage up to 2500V
International standard package
High heat-conduction rate
Low temperature rise
All dimensions in millimeters
+
~
~
High temperature soldering guaranteed :
25.00±0.30
7.50±0.20
Ø3.30
+0.10
-0.20
1.00
+0.07
-0.04
+
~
~
3.60±0.20
0.65±0.01
4.60±0.20
3.00±0.20
7.50±0.20
7.50±0.20
Page 1 of 3
www.nellsemi.com
260°C/10 second, 2.3kg tension force


Similar Part No. - KBJ4

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ4 WTE-KBJ4 Datasheet
50Kb / 3P
4.0A BRIDGE RECTIFIER
logo
First Components Intern...
KBJ400 FCI-KBJ400 Datasheet
104Kb / 2P
4.0 Amp Single Phase Silicon Bridge Rectifiers Ideal for printed circuit board
logo
Shanghai Lunsure Electr...
KBJ4005 CHENYI-KBJ4005 Datasheet
247Kb / 2P
4Amp glass passivated bridge rectifiers 50to1000 volts
logo
Kwang Myoung I.S. CO.,L...
KBJ4005 KISEMICONDUCTOR-KBJ4005 Datasheet
1Mb / 2P
4 Amp GLASS PASS IVATED BRIDGE R ECTIFIE RS 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
KBJ4005 YFWDIODE-KBJ4005 Datasheet
198Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - KBJ4

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TU400G TAITRON-TU400G Datasheet
194Kb / 4P
4A Glass Passivated Bridge Rectifier
GBL005 TAITRON-GBL005 Datasheet
209Kb / 4P
4A Glass Passivated Bridge Rectifier
TL400G TAITRON-TL400G Datasheet
126Kb / 4P
4A Glass Passivated Bridge Rectifier
logo
Frontier Electronics.
BL4-005G FRONTIER-BL4-005G Datasheet
122Kb / 2P
4A GLASS PASSIVATED BRIDGE RECTIFIER
BL4-005G-LFR FRONTIER-BL4-005G-LFR Datasheet
122Kb / 2P
4A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
GBU4 NELLSEMI-GBU4 Datasheet
160Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 4A
logo
Chip Integration Techno...
D3K4005 CITC-D3K4005 Datasheet
92Kb / 3P
4A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Diodes Incorporated
GBL410 DIODES-GBL410 Datasheet
374Kb / 5P
4A GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
GBL410_HF DIODES-GBL410_HF Datasheet
431Kb / 5P
4A GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
Taiwan Semiconductor Co...
GBU401 TSC-GBU401_V01 Datasheet
275Kb / 7P
4A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifier
2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com