Electronic Components Datasheet Search
  English  ▼

X  

CS5165 Datasheet(PDF) 8 Page - Cherry Semiconductor Corporation

Part # CS5165
Description  Fast, Precise 5-Bit Synchronous Buck Controller for the Next Generation Low Voltage Pentium II Processors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5165 Datasheet(HTML) 8 Page - Cherry Semiconductor Corporation

Back Button CS5165 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 12Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
threshold, the GateH output is activated, and the Soft Start
Capacitor begins charging. The GateH output will remain
on, enabling the NFET switch, until terminated by either
the PWM Comparator, or the Maximum On-Time Timer.
If the Maximum On-Time is exceeded before the regulator
output voltage achieves the 1V level, the pulse is terminat-
ed. The GateH pin drives low, and the GateL pin drives
high for the duration of the Extended Off-Time. This time
is set by the Time-out Timer and is approximately equal to
the Maximum On-Time, resulting in a 50% Duty Cycle. The
GateL Pin will then drive low, the GateH pin will drive
high, and the cycle repeats.
When regulator output voltage achieves the 1V level pre-
sent at the Comp pin, regulation has been achieved and
normal Off-Time will ensue. The PWM comparator termi-
nates the switch On-Time, with Off-Time set by the COFF
Capacitor. The V2™ control loop will adjust switch Duty
Cycle as required to ensure the regulator output voltage
tracks the output of the Error Amp.
The Soft Start and Comp capacitors will charge to their
final levels, providing a controlled turn-on of the regulator
output. Regulator turn-on time is determined by the Comp
capacitor charging to its final value. Its voltage is limited
by the Soft Start Comp clamp and the voltage on the Soft
start pin.
Power Supply Sequencing
The CS5165 offers inherent protection from undefined
start-up conditions, regardless of the 12V and 5V supply
power-up sequencing. The turn-on slew rates of the 12V
and 5V power supplies can be varied over wide ranges
without affecting the output voltage or causing detrimental
effects to the buck regulator.
Figure 2: Demonstration board start up in response to increasing 12V
and 5V input voltages. Extended off time is followed by normal off
time operation when output voltage achieves regulation to the error
amplifier output.
Figure 3: Demonstration board start up waveforms.
Figure 4: Demonstration board enable start up waveforms.
Normal Operation
During Normal operation, Switch Off-Time is constant and
set by the COFF capacitor. Switch On-Time is adjusted by
the V2™ Control loop to maintain regulation. This results
in changes in regulator switching frequency, duty cycle,
and output ripple in response to changes in load and line.
Output voltage ripple will be determined by inductor rip-
ple current and the ESR of the output capacitors (see fig-
ures 5 & 6 ).
Trace 1 - Regulator Output Voltage (1V/div.)
Trace 2 - Inductor Switching Node (5V/div.)
Trace 1 Soft Start pin (2V/div)
Trace 2 COMP pin (error amplifier output) (1V/div)
Trace 4 Regulator output voltage (1V/div)
Trace 1 - Regulator Output Voltage (1V/div.)
Trace 2 - Inductor Switching Node (2V/div.)
Trace 3 - 12V input (VCC) (5V/div.)
Trace 4 - 5V Input (1V/div.)
8
Application Information: continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com