Electronic Components Datasheet Search
  English  ▼

X  

CS5165 Datasheet(PDF) 10 Page - Cherry Semiconductor Corporation

Part # CS5165
Description  Fast, Precise 5-Bit Synchronous Buck Controller for the Next Generation Low Voltage Pentium II Processors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5165 Datasheet(HTML) 10 Page - Cherry Semiconductor Corporation

Back Button CS5165 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 14Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Figure 8: Output Voltage Transient Response to a 14A load step, VOUT =
+2.84V(DAC = 10111).
Figure 9: Output Voltage Transient Response to a 14A load turn-off,
VOUT = +2.84V (DAC = 10111).
Short Circuit Protection
A lossless hiccup mode short circuit protection feature is
provided, requiring only the Soft Start capacitor to imple-
ment. If a short circuit condition occurs the VFB low com-
parator sets the FAULT latch. This causes the top FET to
shut off, disconnecting the regulator from its input voltage.
The Soft Start capacitor is then slowly discharged by a 2µA
current source until it reaches its lower 0.7V threshold. The
regulator will then attempt to restart normally, operating
in its extended off time mode with a 50% duty cycle, while
the Soft Start capacitor is charged with a 60µA charge cur-
rent.
If the short circuit condition persists, the regulator output
will not achieve the 1V low VFB comparator threshold
before the Soft Start capacitor is charged to its upper 2.5V
threshold. If this happens the cycle will repeat itself until
the short is removed. The Soft Start charge/discharge cur-
rent ratio sets the duty cycle for the pulses (2µA/60µA =
3.3%), while actual duty cycle is half that due to the extend-
ed off time mode (1.65%).
This protection feature results in less stress to the regulator
components, input power supply, and PC board traces
than occurs with constant current limit protection (see
Figures 10 and 11).
If the short circuit condition is removed, output voltage
will rise above the 1V level, preventing the FAULT latch
from being set, allowing normal operation to resume.
Figure 10: Demonstration board hiccup mode short circuit protection.
Gate pulses are delivered while the Soft Start capacitor charges, and
cease during discharge.
Figure 11: Demonstration board Start up with regulator output shorted
to ground.
Trace 4 = 5V from PC Power Supply (2V/div.)
Trace 2 = Inductor Switching Node (2V/div.)
Trace 4 - 5V Supply Voltage (2V/div.)
Trace 3 - Soft Start Timing Capacitor (1V/div.)
Trace 2 - Inductor Switching Node (2V/div.)
Protection and Monitoring Features
Trace 1 - GATE(H) (10V/div)
Trace 2 - Inductor Switching Node (5V/div)
Trace 3 -Load Current (5A/div)
Trace 4 - VOUT(100mV/div)
Trace 1 - GATE(H) (10V/div)
Trace 2 - Inductor Switching Node (5V/div)
Trace 3 -Load Current (5A/div)
Trace 4 - VOUT (100mV/div)
10
Application Information: continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com