Electronic Components Datasheet Search
  English  ▼

X  

CS7054 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS7054
Description  Low Side PWM FET Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS7054 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS7054 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS7054 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS7054 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS7054 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS7054 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS7054 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
VBAT 42.5
mH
10
mF
CFLT
.25
mF
ROSC
COSC
390pF
OUTPUT
Gnd
INH
FLT
ROSC
IADJ
ISENSE+
NC
VREG
COSC
CTL
PGnd
VCC
P1
N1
10K
100K
10K
10K
10K
RCS1
51
RCS2
51
CCS
.022
mF
10K
10K
Input
1000
mF
MOT+
RSENSE
4m
W
105K
MOT-
1000
mF
RS
51
RGATE
6
10
mF
.01
mF
1M
ISENSE-
s
200 mA Peak PWM Gate
Drive Output
s
Patented Voltage
Compensation Circuit
s
100% Duty Cycle
Capability
s
5V, ± 3% Linear Reg.
s
Low Current Sleep Mode
s
Overvoltage Protection
s
Over Current Protection
of External MOSFET /
IGBT
s
Output Inhibit
Package Options
Low Side PWM FET Controller
CS7054
Description
The CS7054 is a monolithic integrat-
ed circuit designed primarily to
control the rotor speed of perma-
nent magnet, direct current (DC)
brush motors. It drives the gate of
an N channel power MOSFET or
IGBT with a user-adjustable, fixed
frequency, variable duty cycle,
pulse width modulated (PWM) sig-
nal. The CS7054 can also be used to
control other loads such as incan-
descent bulbs and solenoids.
Inductive current from the motor or
solenoid is recirculated through an
external diode.
The CS7054 accepts a DC level
input signal of 0 to 5V to control the
pulse width of the output signal.
This signal can be generated by a
potentiometer referenced to the on-
chip 5V linear regulator, or a fil-
tered 0% to 100% PWM signal also
referenced to the 5V regulator.
The IC is placed in a sleep state by
pulling the CTL lead below 0.5V. In
this mode everything on the chip is
shut down except for the on-chip
regulator and the overall current
draw is less than 275 µA. There are
a number of on-chip diagnostics
that look for potential failure modes
and can disable the external power
MOSFET.
Application Diagram
1
OUTPUT
2
3
4
5
6
7
Gnd
FLT
ROSC
CTL
NC
14
13
12
11
10
VCC
PGnd
INH
IADJ
VREG
8
9
COSC
ISENSE+
ISENSE-
14 Lead PDIP
1
Consult factory for 16 lead SO
wide package.
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
¨
Rev. 4/21/99


Similar Part No. - CS7054

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS7054 ONSEMI-CS7054 Datasheet
91Kb / 12P
Low Side PWM FET Controller
January, 2001 ??Rev. 12
CS7054YDW16 ONSEMI-CS7054YDW16 Datasheet
91Kb / 12P
Low Side PWM FET Controller
January, 2001 ??Rev. 12
CS7054YDWR16 ONSEMI-CS7054YDWR16 Datasheet
91Kb / 12P
Low Side PWM FET Controller
January, 2001 ??Rev. 12
CS7054YN14 ONSEMI-CS7054YN14 Datasheet
91Kb / 12P
Low Side PWM FET Controller
January, 2001 ??Rev. 12
More results

Similar Description - CS7054

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
Primary Side PWM Controller
logo
Cherry Semiconductor Co...
CS4124 CHERRY-CS4124 Datasheet
149Kb / 6P
High Side PWM FET Controller
Rev. 4/26/99
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
Primary Side PWM Controller
logo
ON Semiconductor
CS4124 ONSEMI-CS4124 Datasheet
89Kb / 12P
High Side PWM FET Controller
November, 2000 ??Rev. 6
CS7054 ONSEMI-CS7054 Datasheet
91Kb / 12P
Low Side PWM FET Controller
January, 2001 ??Rev. 12
logo
Texas Instruments
LM5051 TI1-LM5051 Datasheet
291Kb / 17P
Low Side OR-ing FET Controller
LM5051 TI1-LM5051_13 Datasheet
831Kb / 23P
Low Side OR-ing FET Controller
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
Primary Side PWM Controller
logo
Microchip Technology
MCP1632 MICROCHIP-MCP1632_14 Datasheet
831Kb / 34P
High-Speed, Low-Side PWM Controller
10/28/13
MCP1632 MICROCHIP-MCP1632 Datasheet
831Kb / 34P
High-Speed, Low-Side PWM Controller
10/28/13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com