Electronic Components Datasheet Search
  English  ▼

X  

CS7054 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS7054
Description  Low Side PWM FET Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS7054 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS7054 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS7054 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS7054 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS7054 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS7054 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS7054 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Application Information: continued
On Time = CFLT ´
where:
IAVG = (295.5µA ´ DC) - [4.5µA ´ (1 - DC)]
IAVG = (300µA ´ DC) - 4.5µA
DC = PWM Duty Cycle
Sleep State
This device will enter into a low current mode (<275µA)
when CTL lead is brought to less than 0.5V. All functions
are disabled in this mode, except for the regulator.
Inhibit
When the inhibit voltage is greater than 2.5V the internal
latch is set and the external MOSFET will be turned off for
the remainder of the oscillator cycle. The latch is then reset
at the start of the next cycle.
Overvoltage Shutdown
The IC will disable the output during an overvoltage
event. This is a real time fault event and does not set the
internal latch and therefore is independent of the oscillator
timing (i.e. asynchronous). There is no undervoltage lock-
out. The device will shutdown gracefully once it runs out
of headroom.
Reverse Battery
The CS7054 will not survive a reverse battery condition.
Therefore, a series diode is required between the battery
and the VCC lead.
Load Dump
VCC is internally clamped to 30V. It is recommended that a
51½ resistor, (RS) is placed in series with VCC to limit the
current flow into the IC in the event of a 40V peak tran-
sient condition.
2.4V - 0.6V
IAVG



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com