Electronic Components Datasheet Search
  English  ▼

X  

CS8122 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS8122
Description  2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8122 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS8122 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The CS8122 is a precision 5V linear reg-
ulator capable of sourcing in excess of
750mA. The
Õs delay time is
externally programmed using a discrete
RC network. During power up, or when
the output goes out of regulation, the
lead remains in the low state
for the duration of the delay. This func-
tion is independent of the input voltage
and will function correctly as long as
the output voltage remains at or above
1V. Hysteresis is included in the Delay
and the
comparators to
improve noise immunity. A latching
discharge circuit is used to discharge
the delay capacitor when it is triggered
by a brief fault condition.
The regulator is protected against a
variety of fault conditions: i.e. reverse
battery, overvoltage, short circuit and
thermal runaway conditions. The regu-
lator is protected against voltage tran-
sients ranging from -50V to +40V. Short
circuit current is limited to 1.2A (typ).
The CS8122 is an improved replacement
for the CS8126 and features a tighter tol-
erance on its output voltage (2% vs 4%).
The CS8122 is packaged in a 5 lead
TOÐ220 with copper tab. The copper tab
can be connected to a heat sink if
necessary.
RESET
RESET
RESET
1
2% 5V, 750mA Low Dropout Linear
Regulator with Delayed RESET
Features
s
5V +/- 2% Regulated
Output
s
Low Dropout Voltage
(0.6V @ 0.5A)
s
750mA Output Current
Capability
s
Externally Programmed
Delay
s
Fault Protection
Reverse Battery
60V Load Dump
-50V Reverse Transient
Short Circuit
Thermal Shutdown
RESET
Package Options
5 Lead TO-220
Description
Block Diagram
VOUT
VIN
Over Voltage
Shutdown
Pre-
Regulator
Regulated Supply
for Circuit Bias
Bandgap
Reference
Thermal
Shutdown
Anti-Saturation
and
Current Limit
-
+
+
-
Q
R
S
VDISC
Delay
Gnd
RESET
VOUT
SENSE
Error Amplifier
Latching Discharge
Delay Comparator
Charge
Current
Generator
CS8122
1VIN
2VOUT
3 Gnd
4 Delay
5 RESET
1
A
Company
¨
Rev. 2/5/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com


Similar Part No. - CS8122

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8122 ONSEMI-CS8122 Datasheet
100Kb / 10P
2.0% 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
June, 2006 ??Rev. 7
CS8122 ONSEMI-CS8122 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Chipstar Micro-electron...
CS8122S CHIPSTAR-CS8122S Datasheet
552Kb / 10P
3.0W mono ultra-low EMI / filterless Class-D audio amplifier
Mar,2012 Rev1.1
logo
ON Semiconductor
CS8122YT5 ONSEMI-CS8122YT5 Datasheet
100Kb / 10P
2.0% 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
June, 2006 ??Rev. 7
CS8122YT5G ONSEMI-CS8122YT5G Datasheet
100Kb / 10P
2.0% 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
June, 2006 ??Rev. 7
More results

Similar Description - CS8122

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
Low Dropout Regulator with Delayed Reset
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
Low Dropout Regulator with Delayed Reset
LM9071 NSC-LM9071 Datasheet
193Kb / 7P
Low-Dropout System Voltage Regulator with Delayed Reset
logo
Cherry Semiconductor Co...
CS403 CHERRY-CS403 Datasheet
158Kb / 6P
5V, 750mA Linear Regulator with RESET
Rev. 2/18/98
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 5/4/99
CS8129 CHERRY-CS8129 Datasheet
188Kb / 8P
5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
Rev. 3/31/99
logo
ON Semiconductor
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
Low Dropout Regulator with Delayed Reset
logo
ON Semiconductor
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com