Electronic Components Datasheet Search
  English  ▼

X  

CS8122 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS8122
Description  2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8122 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS8122 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8122 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
The CS8122
function, has hysteresis on both the
reset and delay comparators, a latching Delay capacitor
discharge circuit, and operates down to 1V.
The
circuit output is an open collector type with
ON and OFF parameters as specified. The
output
NPN transistor is controlled by the two circuits described
(see Block Diagram).
The Low Voltage Inhibit Circuit monitors output voltage,
and when output voltage is below the specified minimum,
causes the
output transistor to be in the ON (satu-
ration) state. When the output voltage is above the speci-
fied level, this circuit permits the
output transistor
to go into the OFF state if allowed by the
Delay cir-
cuit.
The Reset Delay Circuit provides a programmable (by
external capacitor) delay on the
output lead. The
Delay lead provides source current to the external delay
capacitor only when the Low Voltage Inhibit circuit indi-
cates that output voltage is above VRT(ON). Otherwise, the
Delay lead sinks current to ground (used to discharge the
delay capacitor). The discharge current is latched ON
when the output voltage is below VRT(OFF). The Delay
capacitor is fully discharged anytime the output voltage
falls out of regulation, even for a short period of time. This
feature ensures that a controlled
pulse is generated
following detection of an error condition. The circuit
allows the
output transistor to go to the OFF (open)
state only when the voltage on the Delay lead is higher
than VDC(HI).
RESET
RESET
RESET
Reset Delay Circuit
RESET
RESET
RESET
Low Voltage Inhibit Circuit
RESET
RESET
RESET
5
VRH
VOUT
VRT(ON)
VRT(OFF)
VRL
Delay
VDC(HI)
VDC(LO)
VDH
tDelay
VDIS
(3)
(1)
(2)
(2)
RESET
(1) = No Delay Capacitor
(2) = With Delay Capacitor
(3) = Max: RESET Voltage (1.0V)
RESET Circuit Waveform
Circuit Description
Test Circuit
CIN*
100nF
VIN
Delay
Gnd
RESET
VOUT
CS8122
COUT**
10
mF
RRST
4.7k
W
CDelay
0.1
mF
*CIN required if regulator is far from power source filter.
**COUT required for stability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com